Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 69Page - Semtech Corporation GS6151 Datasheet HTML 70Page - Semtech Corporation GS6151 Datasheet HTML 71Page - Semtech Corporation GS6151 Datasheet HTML 72Page - Semtech Corporation GS6151 Datasheet HTML 73Page - Semtech Corporation GS6151 Datasheet HTML 74Page - Semtech Corporation GS6151 Datasheet HTML 75Page - Semtech Corporation GS6151 Datasheet HTML 76Page - Semtech Corporation GS6151 Datasheet HTML 77Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
73 of 77
Semtech
Proprietary & Confidential
www.semtech.com
6. Typical Application Circuit
Figure 6-1: GS6151 Typical Application Circuit
VCC
VCC
10nF
220nF
10nF
10nF
10nF
10nF
10nF
10μF
1M
Ω
27MHz
10μF
10nF
GS6151
C1*
C2*
18
10
9
24
19
6
7
25
28
29
15
13
12
11
8
5
4
2
1
23
14
LF-
LF+
DFT_VCO_FILT
DDO0
DDO0
DDO1
DDO1
CS
SCLK
SDO
SDI
XTAL_BUFF_OUT
XTAL_CLK_OUT
XTAL_CLK_IN
DDI_SEL/STROBE
GPIO_1
GPIO_0
DDI1
DDI1
DDI0
DDI0
IF AC COUPLING IS REQUIRED ON THE HIGH-SPEED SERIAL INPUTS AND OUTPUTS BY THE APPLICATION, A CERAMIC CAPACITOR 4.7μF OR HIGHER WITH A STABLE DIELECTRIC IS RECOMMENDED
*VALUES FOR C1 AND C2 ARE CHOSEN BASED ON THE REQUIRED LOADING FOR THE SELECTED CRYSTAL
If XTAL_CLK_IN is not connected to a crystal, XTAL_CLK_OUT must be left unconnected.
VCC_DDO0 AND VCC_DDO1 ARE IN THE RANGE +1.2V TO +2.5V
Notes:
VCC IS 1.8V
IN
IN
IN
IN
IN
IN
IN
IN
IO
IO
OUT
OUT
OUT
OUT
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com