Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 65 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 65 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 61Page - Semtech Corporation GS6151 Datasheet HTML 62Page - Semtech Corporation GS6151 Datasheet HTML 63Page - Semtech Corporation GS6151 Datasheet HTML 64Page - Semtech Corporation GS6151 Datasheet HTML 65Page - Semtech Corporation GS6151 Datasheet HTML 66Page - Semtech Corporation GS6151 Datasheet HTML 67Page - Semtech Corporation GS6151 Datasheet HTML 68Page - Semtech Corporation GS6151 Datasheet HTML 69Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
65 of 77
Semtech
Proprietary & Confidential
www.semtech.com
36h
EYE_MON_
STATUS_REG_10
EYE_BITMAP_31_16
15:0
RO
0h
Bitmap of the per-phase pass/fail result from
the most recent automatic
(AUTO_SCAN_START) scan measurement for
phases 31 to 16.
A value of 1 in each bit indicates a pass for
the corresponding phase, while a value of 0
indicates a fail for that phase.
The order of the numbers shown in the
Parameter Name field corresponds to the bit
orientation for each phase being reported in
this register.
37h
EYE_MON_
STATUS_REG_11
EYE_BITMAP_15_0
15:0
RO
0h
Bitmap of the per-phase pass/fail result from
the most recent automatic
(AUTO_SCAN_START) scan measurement for
phases 15 to 0.
A value of 1 in each bit indicates a pass for
the corresponding phase, while a value of 0
indicates a fail for that phase.
The order of the numbers shown in the
Parameter Name field corresponds to the bit
orientation for each phase being reported in
this register.
38h
EYE_MON_
STATUS_REG_12
RSVD
15:11
RO
0h
Reserved. Do not change.
EYE_MON_PRBS_NODATA
10:10
RO
0h
When HIGH, indicates that no data
transitions have been detected in the PRBS
checker since the
EYE_MON_PRBS_NODATA_SET was last set
to 1.
RSVD
9:0
RO
0h
Reserved. Do not change.
39h
PRBS_CHK_CTRL
RSVD
15:4
RW
0h
Reserved. Do not change.
PRBS_MON_NODATA_SET
3:3
RW
0h
When HIGH, sets a latch in the Retime PRBS
checker (PRBS_MON_NODATA bit of
PRBS_STATUS_REG_11) HIGH. This bit must
be set LOW before checking the
PRBS_MON_NODATA bit. The
PRBS_MON_NODATA bit will then be
automatically set LOW if transitions are
detected.
RSVD
2:1
RW
1h
Reserved. Do not change.
PRBS_MON_ENABLE
0:0
RW
0h
When asserted the Re-time PRBS7 checker
circuit is enabled.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com