Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 44 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 44 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 40Page - Semtech Corporation GS6151 Datasheet HTML 41Page - Semtech Corporation GS6151 Datasheet HTML 42Page - Semtech Corporation GS6151 Datasheet HTML 43Page - Semtech Corporation GS6151 Datasheet HTML 44Page - Semtech Corporation GS6151 Datasheet HTML 45Page - Semtech Corporation GS6151 Datasheet HTML 46Page - Semtech Corporation GS6151 Datasheet HTML 47Page - Semtech Corporation GS6151 Datasheet HTML 48Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
44 of 77
Semtech
Proprietary & Confidential
www.semtech.com
are used to operate the Input PRBS checker (and in fact Input PRBS checking is
automatically performed by the device when an Arbitrary Data eye scan or error check
is performed) the user is referred to the previous section for details on programming the
HEM. PRBS-specific registers which are additionally set or observed and their Arbitrary
Data equivalents are given in Table 4-9 below.
The eye bitmap registers in EYE_MON_STATUS_REG_4… EYE_MON_STATUS_REG_11
can be set to provide the bitmap when the PRBS checker is used as the criteria for bit
errors when the EYE_MON_SELECT bit is set to 0 (PRBS7 bit stream).
Due to the nature of the PRBS polynomial an input without data transitions may be
detected as error-free. To circumvent this possibility the EYE_MON_PRBS_NODATA bit
of the EYE_MON_STATUS_REG_12 register indicates if no data transitions have been
detected if the bit remains high after the EYE_MON_PRBS_NODATA_SET bit of the
EYE_MON_ENABLE register has been toggled high, then low.
4.12.2.2 Re-timed Data PRBS Checker
The re-timed bit stream is checked using a separate PRBS checker which is controlled
and checked with separate registers from either the arbitrary eye monitor or Input
PRBS7 checker and is enabled by setting the PRBS_MON_ENABLE bit of the
PRBS_CHK_CTRL register and controlled with registers PRBS_CTRL_0 …, PRBS_CTRL_8.
The results are stored in PRBS_STATUS_REG_0 and PRBS_STATUS_REG_1. The operation
of the Re-timed Data PRBS checker is very similar to the Arbitrary Data HEM and Input
PRBS checker and the user is referred to the previous sections for equivalent registers
are given in Table 4-10 below.
Table 4-9: Arbitrary Data Checker Registers and Equivalent Input PRBS7 Checker Registers
Arbitrary Data Checker
Input PRBS7 Checker
Register
Parameter
Register
Parameter
Does Not Apply
EYE_MON_ENABLE
EYE_MON_PRBS_NODATA_SET
EYE_MON_CONTROL_REG_4
ERROR_THRESHOLD
EYE_MON_CONTROL_REG_3
EYE_MON_PRBS_ERROR_
THRESHOLD
EYE_MON_CONTROL_REG_6
EYE_MON_WINDOW
Does Not Apply
EYE_MON_CONTROL_REG_6
EYE_MON_FORCE_CLEAR
EYE_MON_CONTROL_REG_6
EYE_MON_PRBS_FORCE_CLEAR
EYE_MON_CONTROL_REG_6
EYE_MON_CLEAR
EYE_MON_CONTROL_REG_6
EYE_MON_PRBS_CLEAR
EYE_MON_STATUS_REG_2
STARTING_PHASE
EYE_MON_STATUS_REG_0
EYE_MON_PRBS_STARTING_
PHASE
EYE_MON_STATUS_REG_2
EYE_WIDTH
EYE_MON_STATUS_REG_0
EYE_MON_PRBS_EYE_WIDTH
EYE_MON_STATUS_REG_2
ERROR_COUNT
EYE_MON_STATUS_REG_1
EYE_MON_PRBS_ERROR_COUNT
Does Not Apply
EYE_MON_STATUS_REG_12
EYE_MON_PRBS_NODATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com