Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 22 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 18Page - Semtech Corporation GS6151 Datasheet HTML 19Page - Semtech Corporation GS6151 Datasheet HTML 20Page - Semtech Corporation GS6151 Datasheet HTML 21Page - Semtech Corporation GS6151 Datasheet HTML 22Page - Semtech Corporation GS6151 Datasheet HTML 23Page - Semtech Corporation GS6151 Datasheet HTML 24Page - Semtech Corporation GS6151 Datasheet HTML 25Page - Semtech Corporation GS6151 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
22 of 77
Semtech
Proprietary & Confidential
www.semtech.com
When this signal is HIGH, the data rate is 270Mb/s (SD) or 125Mb/s (MADI). This signal is
LOW for all other supported data rates, and when the GS6151 is operating in Bypass
Mode or any time the device is not locked.
The LBR_HBR output signal is available on either of the GPIO[0:1] multifunction status
and control pins. It is selected for output using the GPIO[0:1]_IO_SELECT and
GPIO[0:1]_SELECT bits accessible in the GPIO_CONTROL_REG_0 register at address 2h.
4.4 Low Power Modes
The device can be programmed via the GSPI to operate in two different low power
modes. SLEEP mode has minimum power consumption at the expense of recovery time
upon de-assertion of the FORCE_PWRDN_SLEEP bit. STANDBY mode has higher power
consumption relative to SLEEP mode but minimizes time to return to operation on
de-assertion of the FORCE_PWRDN_STANDBY bit. The features affected by each mode
are outlined below.
SLEEP mode:
LOS detection remains functional
The GSPI remains functional
The reference oscillator remains functional
STANDBY mode:
LOS detection remains functional
The GSPI remains functional
The reference oscillator remains functional
The VCO and PLL remains functional so as to minimize the lock time when a signal is detected
The rate detector remains set to the last valid data rate. On detection of a signal, the
last valid rate is tested first by the rate detect state machine
The device can be programmed to automatically enter into SLEEP or STANDBY mode
when LOS is asserted by programming the AUTO_PWRDN_DISABLE bit in the
PWRDN_CONTROL register at address 17h. The AUTO_PWRDN_MODE bit in the same
register selects which mode, SLEEP or STANDBY, is entered into upon assertion of LOS.
The device also features a power-save feature that reduces power when the CDR is
locked to HD, 3G or 6G rates. The HS_LOCKED_POWER_SAVE parameter of register
PWR_CONTROL at address D2h can be set to 1 to enable this feature.
4.5 Serial Data Output
The GS6151 has two current-mode differential output drivers, each capable of driving
up to 930mVpp differential into an external 100Ω differential load.
The output drivers operate with any binary coded signal with supported data rates up
to 5.94Gb/s. This is applicable to both the serial data (DDO, DDO, DDO1, DDO1) outputs
of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com