Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 60 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 60 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 56Page - Semtech Corporation GS6151 Datasheet HTML 57Page - Semtech Corporation GS6151 Datasheet HTML 58Page - Semtech Corporation GS6151 Datasheet HTML 59Page - Semtech Corporation GS6151 Datasheet HTML 60Page - Semtech Corporation GS6151 Datasheet HTML 61Page - Semtech Corporation GS6151 Datasheet HTML 62Page - Semtech Corporation GS6151 Datasheet HTML 63Page - Semtech Corporation GS6151 Datasheet HTML 64Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
60 of 77
Semtech
Proprietary & Confidential
www.semtech.com
25h
EYE_MON_
CONTROL_
REG_0
RSVD
15:2
RW
0h
Reserved. Do not change.
CONTINUOUS_SCAN_
ENABLE
1:1
RW
0h
Enables a continuous, manually timed
horizontal eye scan using the parameters
defined in EYE_MON_CONTROL_REG_[0:6]
registers.
Setting CONTINUOUS_SCAN_ENABLE to 1
clears the ERROR_COUNT bits and starts a
new measurement.
Error counting continues until
CONTINUOUS_SCAN_ENABLE is set to 0, at
which point the ERROR_COUNT bits may be
read.
The ERROR_COUNT bits hold their value
until any new scan is started using
AUTO_SCAN_START,
MANUAL_SCAN_START, or
CONTINUOUS_SCAN_ENABLE.
EYE_MON_SOFT_RESET
0:0
RW
0h
Synchronous soft-reset for the horizontal
eye monitor block and its associated
registers (EYE_MON_CONTROL_REG_[0:6]
and EYE_MON_STATUS_REG_[2:12]).
00b: Normal operation of the horizontal eye
monitor
01b: Resets the horizontal eye monitor
26h
EYE_MON_
CONTROL_
REG_1
RSVD
15:8
RW
0h
Reserved. Do not change.
MEASUREMENT_
PREDIVIDER
7:4
RW
0h
Selects the pre-divider value for the
sampling interval.
0000b: 4
0001b: 8
0010b: 16
0011b: 32
0100b: 64
0101b: 128
0110b: 256
0111b: 512
1000b: 1024
1001b: 2048
1010b-1111b: INVALID
This parameter, combined with
MEASUREMENT_TIME, defines the length of
time per phase for an auto eye scan
SAMPLE_INTERVAL
3:0
RW
2h
Controls the sampling interval in device
clock cycles.
Sampling interval = SAMPLE_INTERVAL + 1
device clock cycle.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com