Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 12 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 8Page - Semtech Corporation GS6151 Datasheet HTML 9Page - Semtech Corporation GS6151 Datasheet HTML 10Page - Semtech Corporation GS6151 Datasheet HTML 11Page - Semtech Corporation GS6151 Datasheet HTML 12Page - Semtech Corporation GS6151 Datasheet HTML 13Page - Semtech Corporation GS6151 Datasheet HTML 14Page - Semtech Corporation GS6151 Datasheet HTML 15Page - Semtech Corporation GS6151 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
12 of 77
Semtech
Proprietary & Confidential
www.semtech.com
PLL Loop Bandwidth
BWLOOP(125Mb/s)
PLL_LOOP_BANDWIDTH
= 00001
—37
—
kHz
7
PLL_LOOP_BANDWIDTH
= 00010
—74
—
kHz
7
PLL_LOOP_BANDWIDTH
= 00100 (default)
—
148
—
kHz
7
PLL_LOOP_BANDWIDTH
= 01000
—
296
—
kHz
7
PLL_LOOP_BANDWIDTH
= 10000
—
590
—
kHz
7
BWLOOP(270Mb/s)
PLL_LOOP_BANDWIDTH
= 00001
—80
—
kHz
7
PLL_LOOP_BANDWIDTH
= 00010
—
160
—
kHz
7
PLL_LOOP_BANDWIDTH
= 00100 (default)
—
320
—
kHz
7
PLL_LOOP_BANDWIDTH
= 01000
—
640
—
kHz
7
PLL_LOOP_BANDWIDTH
= 10000
—1.28
—
MHz
7
BWLOOP(1485Mb/s)
PLL_LOOP_BANDWIDTH
= 00001
—
438
—
kHz
7
PLL_LOOP_BANDWIDTH
= 00010
—
875
—
kHz
7
PLL_LOOP_BANDWIDTH
= 00100 (default)
—1.75
—
MHz
7
PLL_LOOP_BANDWIDTH
= 01000
—3.5
—
MHz
7
PLL_LOOP_BANDWIDTH
= 10000
—7
—
MHz
7
BWLOOP(2970Mb/s)
PLL_LOOP_BANDWIDTH
= 00001
—
875
—
kHz
7
PLL_LOOP_BANDWIDTH
= 00010
—1.75
—
MHz
7
PLL_LOOP_BANDWIDTH
= 00100 (default)
—3.5
—
MHz
7
PLL_LOOP_BANDWIDTH
= 01000
—7.0
—
MHz
7
PLL_LOOP_BANDWIDTH
= 10000
—
14.0
—
MHz
7
Table 2-3: AC Electrical Characteristics (Continued)
VCC_CORE, VDD_DIG = +1.8V ± 5%, TA= –40ºC to +85ºC unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com