Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 41 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 41 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 37Page - Semtech Corporation GS6151 Datasheet HTML 38Page - Semtech Corporation GS6151 Datasheet HTML 39Page - Semtech Corporation GS6151 Datasheet HTML 40Page - Semtech Corporation GS6151 Datasheet HTML 41Page - Semtech Corporation GS6151 Datasheet HTML 42Page - Semtech Corporation GS6151 Datasheet HTML 43Page - Semtech Corporation GS6151 Datasheet HTML 44Page - Semtech Corporation GS6151 Datasheet HTML 45Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
41 of 77
Semtech
Proprietary & Confidential
www.semtech.com
Figure 4-22: Example Eye Monitor Bitmap
With the eye monitor enabled by setting the HORIZONTAL_EYE_MON_ENABLE bit an
eye scan is started by writing a 1 to the AUTO_SCAN_START bit of the
EYE_MON_SCAN_START register. The eye-scan state machine then scans the eye and
writes a 0 to the AUTO_SCAN_START bit when it completes. The values in the above
registers are then valid if lock was not lost at any point during the eye scan. It is therefore
recommended that the LOCK_LOST_STICKY bit of the STICKY_STATUS register is
cleared before running the eye scan and checking its value after the eye scan is
complete.
After a successful automatic eye scan, the EYE_WIDTH bits hold a value corresponding
to the number of phases that had errors that did not exceed a predefined threshold. This
error threshold is defined as the number of errors that must be observed before the
phase is deemed to be not error-free and is set in the ERROR_THRESHOLD bits of the
EYE_MON_CONTROL_REG_4 register. By default the error threshold is set to 3.
A typical relationship between the EYE_WIDTH result and the input jitter amplitude is
given in Figure 4-22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com