Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 35 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 35 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 31Page - Semtech Corporation GS6151 Datasheet HTML 32Page - Semtech Corporation GS6151 Datasheet HTML 33Page - Semtech Corporation GS6151 Datasheet HTML 34Page - Semtech Corporation GS6151 Datasheet HTML 35Page - Semtech Corporation GS6151 Datasheet HTML 36Page - Semtech Corporation GS6151 Datasheet HTML 37Page - Semtech Corporation GS6151 Datasheet HTML 38Page - Semtech Corporation GS6151 Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
35 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.11.7 Single Read/Write Access
Single read/write access timing for the GSPI interface is shown in Figure 4-11 to
Figure 4-15.
When performing a single read or write access, one Data Word is read from/written to
the device per access. Each access is a minimum of 32-bits long, consisting of a
Command Word and a single Data Word. The read or write cycle begins with a
high-to-low transition of the CS pin. The read or write access is terminated by a
low-to-high transition of the CS pin.
The maximum interface clock rate is 27MHz and the inter-command delay time
indicated in the figures as tcmd, is a minimum of 4 SCLK clock cycles. After modifying
values in HOST_CONFIG, the inter-command delay time, tcmd_GSPI_config, is a minimum
of 5 SCLK clock cycles.
For read access, the time from the last bit of the Command Word to the start of the data
output, as defined by t5, corresponds to no less than 5 SCLK clock cycles at 27MHz.
Figure 4-11: GSPI Write Timing – Single Write Access with Loop-Through Operation (default)
Figure 4-12: GSPI Write Timing – Single Write Access with GSPI Link-Disable Operation
Figure 4-13: GSPI Write Timing – Single Write Access with Bus-Through Operation
SCLK
CS
SDIN
SDOUT
COMMAND
COMMAND
DATA
DATA
COMMAND
COMMAND
X
X
cmd
t
SCLK
CS
SDIN
SDOUT
COMMAND
DATA
COMMAND
X
cmd
t
SCLK
CS
SDIN
SDOUT
COMMAND
COMMAND
DATA
DATA
COMMAND
COMMAND
X
High-z
cmd
t
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com