Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 16 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 12Page - Semtech Corporation GS6151 Datasheet HTML 13Page - Semtech Corporation GS6151 Datasheet HTML 14Page - Semtech Corporation GS6151 Datasheet HTML 15Page - Semtech Corporation GS6151 Datasheet HTML 16Page - Semtech Corporation GS6151 Datasheet HTML 17Page - Semtech Corporation GS6151 Datasheet HTML 18Page - Semtech Corporation GS6151 Datasheet HTML 19Page - Semtech Corporation GS6151 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
16 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4. Detailed Description
The GS6151 is a multi-standard CDR for signals operating at the following data rates:
125Mb/s, 270Mb/s, 1.485Gb/s, 1.485/1.001Gb/s, 2.97Gb/s, 2.97/1.001Gb/s, 5.94Gb/s,
and 5.94/1.001Gb/s.
4.1 Serial Data Inputs
The GS6151 features two 100Ω terminated differential input buffers.
A serial data input signal may be connected to either of the two input pin pairs of the
device: DDI0/DDI0 and DDI1/DDI1
By default, the self-biasing circuit at the input is enabled to allow AC coupling to
upstream devices. To enable DC coupling of the inputs, the user must disable the
self-biasing network by setting bits 4:4 through 5:5 to 0 in the register 7h:
DDI[0:1]_TRACE_EQ_DC_TERM_ENABLE.
In order to select DC coupling, please ensure that the output common mode of the
upstream device is in range of the input common mode voltage range shown in
Table 2-2.
The serial digital input buffer is capable of operating with any binary coded signal that
meets the input signal level requirements defined below, with any data rate between
3Mb/s and 5.94Gb/s.
4.1.1 Input Trace Equalization
The GS6151 features adjustable trace equalization to compensate for PCB trace
dielectric losses up to half the maximum supported data rate, or 3GHz.
These settings are selected using the DDI0_TRACE_EQ_CONTROL and
DDI1_TRACE_EQ_CONTROL bits in the INPUT_CONTROL_REG_0 register at address 5h.
The default state of the device is input trace equalization on all inputs set to LOW.
If system jitter profile allows, it is recommended that the loop bandwidth is reduced to
the minimum setting to maximize performance.
Table 4-1: Equalization Settings
Data Rate
Trace Loss
Settings
2.97Gb/s and below
0-7dB of trace loss at 1.5GHz
LOW (default)
5.94Gb/s
0-10dB of trace loss at 3GHz
2.97Gb/s and below
7-12dB of trace loss at 1.5GHz
HIGH
—
negligible trace loss
0dB or EQ_BYPASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com