Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 55 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 51Page - Semtech Corporation GS6151 Datasheet HTML 52Page - Semtech Corporation GS6151 Datasheet HTML 53Page - Semtech Corporation GS6151 Datasheet HTML 54Page - Semtech Corporation GS6151 Datasheet HTML 55Page - Semtech Corporation GS6151 Datasheet HTML 56Page - Semtech Corporation GS6151 Datasheet HTML 57Page - Semtech Corporation GS6151 Datasheet HTML 58Page - Semtech Corporation GS6151 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
55 of 77
Semtech
Proprietary & Confidential
www.semtech.com
1Bh
DRIVER_CONTROL_
REG_2
RSVD
15:15
RW
0h
Reserved. Do not change.
DDO1_DEEMPHASIS_5G94
14:12
RW
2h
De-emphasis control for 5.94Gb/s (6Gb/s
UHD-SDI) signals output on DDO1.
000b: 0dB
001b: 0.3dB
010b: 0.6dB (default)
011b: 2.3 B
100b: 4.0dB
101b: 6.6dB
110b: 10.0dB
DDO1_DEEMPHASIS_2G97
11:9
RW
1h
De-emphasis control for 2.97Gb/s (3Gb/s SDI)
signals output on DDO1.
000b: 0dB
001b: 0.4dB (default)
010b: 1.5dB
011b: 3.2dB
100b: 4.9dB
101b: 7.6dB
110b: 11.0dB
DDO1_DEEMPHASIS_1G485
8:6
RW
1h
De-emphasis control for 1.485Gb/s (HD-SDI)
signals output on DDO1.
000b: 0dB
001b: 1.1dB (default)
010b: 2.4dB
011b: 4.0dB
100b: 5.7dB
101b: 8.2dB
110b: 11.5dB
DDO1_DEEMPHASIS_270M
5:3
RW
0h
De-emphasis control for 0.27Gb/s (SD-SDI)
signals output on DDO1.
000b: 0dB (default)
001b: 1.2dB
010b: 2.5dB
011b: 4.1dB
100b: 6.0dB
101b: 8.5dB
110b: 12.0dB
DDO1_DEEMPHASIS_125M
2:0
RW
0h
De-emphasis control for 0.125Gb/s (MADI)
signals output on DDO1.
000b: 0dB (default)
001b: 1.2dB
010b: 2.5dB
011b: 4.1dB
100b: 6.0dB
101b: 8.5dB
110b: 12.0dB
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com