Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 71 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 71 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 67Page - Semtech Corporation GS6151 Datasheet HTML 68Page - Semtech Corporation GS6151 Datasheet HTML 69Page - Semtech Corporation GS6151 Datasheet HTML 70Page - Semtech Corporation GS6151 Datasheet HTML 71Page - Semtech Corporation GS6151 Datasheet HTML 72Page - Semtech Corporation GS6151 Datasheet HTML 73Page - Semtech Corporation GS6151 Datasheet HTML 74Page - Semtech Corporation GS6151 Datasheet HTML 75Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
71 of 77
Semtech
Proprietary & Confidential
www.semtech.com
50h
STICKY_STATUS
STANDBY_STICKY
11:11
ROCW
—
Sticky bit indicating that the device entered
STANDBY mode at least once.
00b: Device has not entered STANDBY mode
since this bit was last cleared
01b: Devices has entered STANDBY mode since
this bit was last cleared
SLEEP_STICKY
10:10
ROCW
—
Sticky bit indicating that the device entered
SLEEP mode at least once
00b: Device has not entered SLEEP mode since
this bit was last cleared
01b: Device has entered SLEEP mode since this
bit was last cleared
RETIMER_BYPASS_STICKY
9:9
ROCW
—
Sticky bit indicating that the re-timer is/has
been bypassed.
00b: Re-timer has not been bypassed since this
bit was last cleared
01b: Re-timer has been bypassed since this bit
was last cleared
This bit is cleared by writing any value to it.
LBR_HBR_STICKY
8:8
ROCW
—
Sticky bit indicating that the rate is/has been
270Mb/s (low bit-rate).
00b: Rate has not been 270Mb/s since this bit
was last cleared
01b: Rate has been 270Mb/s since this bit was
last cleared
This bit is cleared by writing any value to it.
RATE_CHANGE_STICKY
7:7
ROCW
—
Sticky bit indicating that a rate change has
occurred.
00b: Rate has not changed since this bit was
last cleared
01b: Rate has changed since this bit was last
cleared
This bit is cleared by writing any value to it.
LOCK_LOST_STICKY
6:6
ROCW
—
Sticky bit indicating that lock was lost.
00b: Lock has not been lost since this bit was
last cleared
01b: Lock has been lost since this bit was last
cleared
This bit is cleared by writing any value to it.
RSVD
5:5
ROCW
—
Reserved. Do not change.
LOS_STICKY
4:4
ROCW
—
Sticky bit indicating a loss of signal.
00b: Signal has not been lost since this bit was
last cleared
01b: Signal has been lost since this bit was last
cleared
This bit is cleared by writing any value to it.
RSVD
3:0
ROCW
—
Reserved. Do not change.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com