Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 56 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 56 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 52Page - Semtech Corporation GS6151 Datasheet HTML 53Page - Semtech Corporation GS6151 Datasheet HTML 54Page - Semtech Corporation GS6151 Datasheet HTML 55Page - Semtech Corporation GS6151 Datasheet HTML 56Page - Semtech Corporation GS6151 Datasheet HTML 57Page - Semtech Corporation GS6151 Datasheet HTML 58Page - Semtech Corporation GS6151 Datasheet HTML 59Page - Semtech Corporation GS6151 Datasheet HTML 60Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
56 of 77
Semtech
Proprietary & Confidential
www.semtech.com
1Ch
DRIVER_CONTROL_
REG_3
RSVD
15:12
RW
0h
Reserved. Do not change.
DDO0_SWING_1G485
11:8
RW
3h
Differential swing (amplitude) control for
1.485Gb/s (HD-SDI) signals output on DDO0.
For details refer to Section 4.5.3.
DDO0_SWING_270M
7:4
RW
3h
Differential swing (amplitude) control for
0.27Gb/s (SD-SDI) signals output on DDO0.
For details refer to Section 4.5.3.
DDO0_SWING_125M
3:0
RW
3h
Differential swing (amplitude) control for
0.125Gb/s (MADI) signals output on DDO0.
For details refer to Section 4.5.3.
1Dh
DRIVER_CONTROL_
REG_4
DDO0_SWING_BYPASS
15:12
RW
3h
Differential swing (amplitude) control for
unlocked signals output on DDO0 (when
CDR is operating in BYPASS mode). For
details refer to Section 4.5.3.
Takes precedence over rate-specific swing
controls
DDO0_SWING_MUTE
11:8
RW
3h
Differential static amplitude control for
DDO0 when the output is muted. For details
refer to Section 4.5.3.
Takes precedence over rate-specific swing
controls and bypass swing control
1Dh
DRIVER_CONTROL_
REG_4
DDO0_SWING_5G94
7:4
RW
3h
Differential swing (amplitude) control for
5.94Gb/s (6G UHD-SDI) signals output on
DDO0. For details refer to Section 4.5.3.
DDO0_SWING_2G97
3:0
RW
3h
Differential swing (amplitude) control for
2.97Gb/s (3Gb/s SDI) signals output on
DDO0. For details refer to Section 4.5.3.
1Eh
DRIVER_CONTROL_
REG_5
RSVD
15:12
RW
0h
Reserved. Do not change.
DDO1_SWING_1G485
11:8
RW
3h
Differential swing (amplitude) control for
1.485Gb/s (HD-SDI) signals output on DDO1.
For details refer to Section 4.5.3.
DDO1_SWING_270M
7:4
RW
3h
Differential swing (amplitude) control for
0.27Gb/s (SD-SDI) signals output on DDO1.
For details refer to Section 4.5.3.
DDO1_SWING_125M
3:0
RW
3h
Differential swing (amplitude) control for
0.125Gb/s (MADI) signals output on DDO1.
For details refer to Section 4.5.3.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com