Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 74 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 74 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 69Page - Semtech Corporation GS6151 Datasheet HTML 70Page - Semtech Corporation GS6151 Datasheet HTML 71Page - Semtech Corporation GS6151 Datasheet HTML 72Page - Semtech Corporation GS6151 Datasheet HTML 73Page - Semtech Corporation GS6151 Datasheet HTML 74Page - Semtech Corporation GS6151 Datasheet HTML 75Page - Semtech Corporation GS6151 Datasheet HTML 76Page - Semtech Corporation GS6151 Datasheet HTML 77Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
74 of 77
Semtech
Proprietary & Confidential
www.semtech.com
7. Package and Ordering Information
7.1 Package Dimensions
Figure 7-1: GS6151 Package Dimensions
4.00
A
B
DETAIL B
DATUM B
DETAIL A
DATUM A
2.75±0.10
0.10 M CA B
0.10 M CA B
C
PIN 1 AREA
0.10 C
0.10 C
2X
2X
0.10 C
0.08 C
32X
SEATING PLANE
DATUM A OR B
0.35±0.10
0.20±0.05
24X
0.07
0.05 M
M
C
C
AB
DETAIL A (SCALE 3:1)
NOTES:
1. DIMENSIONING AND TOLERANCE IS IN CONFORMANCE TO ASME Y14.5–1994.
ALL DIMENSIONS ARE IN MILLIMETERS, ° IN DEGREES.
2. DIMENSION OF LEAD WIDTH APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15mm AND 0.30mm
FROM THE TERMINAL TIP (BOTH ROWS). IF THE TERMINAL HAS OPTIONAL RADIUS ON THE END OF THE TERMINAL,
THE LEAD WIDTH DIMENSION SHOULD NOT BE MEASURED IN THAT RADIUS AREA.
0.30±0.10
0.20±0.05
8X
0.07
0.05 M
M
C
C
AB
DETAIL B (SCALE 3:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com