Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 66 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 66 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 62Page - Semtech Corporation GS6151 Datasheet HTML 63Page - Semtech Corporation GS6151 Datasheet HTML 64Page - Semtech Corporation GS6151 Datasheet HTML 65Page - Semtech Corporation GS6151 Datasheet HTML 66Page - Semtech Corporation GS6151 Datasheet HTML 67Page - Semtech Corporation GS6151 Datasheet HTML 68Page - Semtech Corporation GS6151 Datasheet HTML 69Page - Semtech Corporation GS6151 Datasheet HTML 70Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
66 of 77
Semtech
Proprietary & Confidential
www.semtech.com
3Ah
PRBS_CTRL_0
PRBS_MON_MANUAL_
START
1:1
ROSW
0h
Enable for manual timed measurement
using the Re-time PRBS checker.
01b: Triggers a scan
Automatically cleared to 0 when the scan
completes.
PRBS_MON_AUTO_SCAN_
START
0:0
ROSW
0h
Enable for automatic eye scan using the
Re-time PRBS checker.
01b: Triggers a scan
Automatically cleared to 0 when the scan
completes.
3Bh
PRBS_CTRL_1
PRBS_MON_CONTINUOUS_
ENABLE
1:1
RW
0h
Enable for manual continuous
measurement using the Re-time PRBS
checker. Rising edge clears the error counter
and starts a measurement. Error counting
continues until
PRBS_MON_CONTINUOUS_ENABLE is set to
0, at which point the error counter
PRBS_MON_ERROR_COUNT can be read.
The error counter holds its value until any
new scan is started (manual or auto).
PRBS_MON_SOFT_RESET
0:0
RW
0h
When HIGH, the logic in PRBS monitor state
machine is synchronously reset.
3Ch
PRBS_CTRL_2
PRBS_MON_MEASUREMENT_
PREDIVIDER
7:4
RW
0h
Along with
PRBS_MON_MEASUREMENT_TIME,
determines the length of time of a
measurement for a given phase in
automatic or manual timed modes
(PRBS_MON_AUTO_SCAN_START = 1 or
PRBS_MON_MANUAL_START = 1).
Pre-divider value vs. sampling interval:
0000b: 4
0001b: 8
0010b: 16
0011b: 32
0100b: 64
0101b: 128
0110b: 256
0111b: 512
1000b: 1024
1001b: 2048
1010b-1111b: INVALID
PRBS_MON_SAMPLE_
INTERVAL
3:0
RW
2h
Controls sampling interval for an error
signal. The sampling interval is
PRBS_MON_SAMPLE_INTERVAL + 1 clock
cycles. The minimum allowable value is 1
(sampling interval of 2).
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com