Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 17Page - Semtech Corporation GS6151 Datasheet HTML 18Page - Semtech Corporation GS6151 Datasheet HTML 19Page - Semtech Corporation GS6151 Datasheet HTML 20Page - Semtech Corporation GS6151 Datasheet HTML 21Page - Semtech Corporation GS6151 Datasheet HTML 22Page - Semtech Corporation GS6151 Datasheet HTML 23Page - Semtech Corporation GS6151 Datasheet HTML 24Page - Semtech Corporation GS6151 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
21 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.3.2.1 Synchronous and Asynchronous Lock Time
Asynchronous lock time is defined as the time it takes the device to lock when a signal
is first applied to the serial digital inputs, or when the signal rate changes.
The synchronous lock time is defined as the time it takes the device to lock to a signal
which has been momentarily interrupted.
The asynchronous and synchronous lock times are defined in Table 2-3: AC Electrical
Characteristics.
To qualify for synchronous lock time, the maximum interruption time of the signal is
10μs for a 270Mb/s signal. 1.485Gb/s, 2.97Gb/s, and 5.94Gb/s signals, as well as their
ƒ/1.001 components, have a maximum interruption time of 6μs. The new signal, after
interruption, must have the same frequency as the original signal but can have arbitrary
phase.
4.3.3 Rate Detection
The GS6151 can be manually forced to lock to a specific supported data rate, or
automatically search for and lock to supported rates. The selection between manual and
automatic rate selection is through the FORCE_PLL_RATE and
FORCE_PLL_RATE_ENABLE bits of the PLL_CONTROL register at address 4Ch. By default
the device is set to automatically search for supported SDI rates.
When set to automatically detect supported data rates, the device repeatedly cycles
through each supported rate that is enabled through the RATE_ENABLE_5G94,
RATE_ENABLE_2G97, RATE_ENABLE_1G485, RATE_ENABLE_270M and
RATE_ENABLE_125M bits of the PLL_CONTROL register, until the device phase locks to
one of the enabled rates. If lock is lost the rate search resumes, continuously testing for
each rate in sequence until lock is regained.
The device reports the current data rate setting of the automatic rate search state
machine through the DETECTED_RATE bits in the PLL_STATUS register at address 4Fh.
Table 4-3 below shows the supported rate that can be detected.
4.3.4 Low/High Bit Rate Detection for Slew Rate Control
A status output named LBR_HBR is provided to control the slew rate selection input of
a downstream SDI cable driver. It can be connected to the SD_EN input of drivers such
as the GS6080 or GS6081 using the Semtech recommended application circuit.
Table 4-3: Automatic Rate Detection - Supported Data Rates
DETECTED_RATE
Data Rate
000
125Mb/s – MADI
001
270Mb/s – SD
010
1.485Gb/s – HD
011
2.97Gb/s – 3G
100
5.94Gb/s – 6G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com