Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 46 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 46 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 42Page - Semtech Corporation GS6151 Datasheet HTML 43Page - Semtech Corporation GS6151 Datasheet HTML 44Page - Semtech Corporation GS6151 Datasheet HTML 45Page - Semtech Corporation GS6151 Datasheet HTML 46Page - Semtech Corporation GS6151 Datasheet HTML 47Page - Semtech Corporation GS6151 Datasheet HTML 48Page - Semtech Corporation GS6151 Datasheet HTML 49Page - Semtech Corporation GS6151 Datasheet HTML 50Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
46 of 77
Semtech
Proprietary & Confidential
www.semtech.com
It is important to note that while the on-chip VCO is trimmed to within 0.5% of SMPTE
data rates, VT variation may extend the deviation from exact SMPTE data rates. If
frequency precision is required it is recommended to use the external pins or retimed
clock to provide a clock reference for the PRBS generator. The selection of reference
clock for the PRBS generator is done through programming the bits as in Table 4-11.
To enable the PRBS generator the PRBSGEN_ENABLE bit of the PRBS_GEN_CTRL register
must be set high. The PRBS bit stream starts on the falling edge of the PRBSGEN_START
bit. To output the PRBS generator on the trace driver output the OUTPUT_PRBS_DATA0
and/or OUTPUT_PRBS_DATA1 bits of the DRIVER_CONTROL_REG_0 register need to be
set to 1.
The PRBS generator can also output a clock instead of a PRBS7 bit stream. The clock
output is selected by setting the PRBSGEN_DATASEL bit of the PRBS_GEN_CTRL register
to 0. Both the PRBS7 generator and clock output can have their frequency of operation
divided by 1, 2, 4 or 8 by setting the PRBSGEN_DIV bits of the PRBS_GEN_CTRL register,
down to an output data rate of 125Mb/s.
Additionally, when either the On-Chip PRBSGEN VCO or the re-timed clock is used as the
clock reference for the PRBS generator the phase of the output can be coarsely adjusted
to 0, 90, 180 or 270º by programming PRBSGEN_PHASE bit of the PRBS_GEN_CTRL
register.
Note: It is recommended that the AUTO_LOS_MUTE_ENABLE and
AUTO_PWRDN_DISABLE parameters are set to disabled when the PRBS generator uses
the on-chip PRBSGEN VCO or the external clock pins to avoid muting the (PRBS
generator) output upon loss of signal on the input pins.
Table 4-11: Reference Clock for the PRBS Generator
PRBS_EXT_CLK
PRBSGEN_CLKSEL
Clock Reference
0
0
On-chip PRBSGEN VCO
0
1
CDR re-timed clock
1
X
Clock reference pins (GS6151 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com