Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 69 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 69 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 65Page - Semtech Corporation GS6151 Datasheet HTML 66Page - Semtech Corporation GS6151 Datasheet HTML 67Page - Semtech Corporation GS6151 Datasheet HTML 68Page - Semtech Corporation GS6151 Datasheet HTML 69Page - Semtech Corporation GS6151 Datasheet HTML 70Page - Semtech Corporation GS6151 Datasheet HTML 71Page - Semtech Corporation GS6151 Datasheet HTML 72Page - Semtech Corporation GS6151 Datasheet HTML 73Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
69 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4Ch
PLL_CONTROL
RSVD
15:12
RW
0h
Reserved. Do not change.
LOS_DETECTION_METHOD
11:10
RW
1h
Determines the source of CARRIER_DETECT.
00b: Edge detection
01b: Strength detection
FORCE_PLL_RATE
9:7
RW
1h
Force the PLL to retime a specific data rate.
000b: Reserved
001b: 0.270Gb/s
010b: 1.485Gb/s
011b: 2.97Gb/s
100b: 5.94Gb/s
101b: Reserved
110b: Reserved
111b: Reserved
Used when FORCE_PLL_RATE_ENABLE is set to
1.
FORCE_PLL_RATE_ENABLE
6:6
RW
0h
Enables the forced PLL rate override set using
the FORCE_PLL_RATE bits.
RATE_ENABLE_125M
5:5
RW
0h
Enables auto-detection of 0.125Gb/s (MADI)
signals
00b: 0.125Gb/s signals will not be detected
01b: 0.125Gb/s signals will be detected
RATE_ENABLE_5G94
4:4
RW
1h
Enables auto-detection of 5.94Gb/s
(6G UHD-SDI) signals.
00b: 5.94Gb/s signals will not be detected
01b: 5.94Gb/s signals will be detected
RATE_ENABLE_2G97
3:3
RW
1h
Enables auto-detection of 2.97Gb/s
(3G SDI) signals.
00b: 2.97Gb/s signals will not be detected
01b: 2.97Gb/s signals will be detected
RATE_ENABLE_1G485
2:2
RW
1h
Enables auto-detection of 1.485Gb/s (HD-SDI)
signals.
00b: 1.485Gb/s signals will not be detected
01b: 1.485Gb/s signals will be detected
RATE_ENABLE_270M
1:1
RW
1h
Enables auto-detection of 0.27Gb/s
(SD-SDI) signals.
00b: 0.27Gb/s signals will not be detected
01b: 0.27Gb/s signals will be detected
PLL_SOFT_RESET
0:0
RW
0h
Synchronous soft-reset for the PLL rate
detection state machine.
00b: Normal operation of the PLL rate
detection state machine
01b: Resets the PLL rate detection state
machine
4Dh
RESERVED
RSVD
15:0
RW
110h
Reserved. Do not change.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com