Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 29 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 25Page - Semtech Corporation GS6151 Datasheet HTML 26Page - Semtech Corporation GS6151 Datasheet HTML 27Page - Semtech Corporation GS6151 Datasheet HTML 28Page - Semtech Corporation GS6151 Datasheet HTML 29Page - Semtech Corporation GS6151 Datasheet HTML 30Page - Semtech Corporation GS6151 Datasheet HTML 31Page - Semtech Corporation GS6151 Datasheet HTML 32Page - Semtech Corporation GS6151 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
29 of 77
Semtech
Proprietary & Confidential
www.semtech.com
Word portion for read operations to the device. This allows multiple devices to be
connected in Loop-Through configuration.
For read operations, the SDOUT pin is used to output data read from an internal
Configuration and Status Register (CSR) when CS is LOW. Data is shifted out of the
device on the falling edge of SCLK, so that it can be read by the host processor or other
downstream connected device on the subsequent SCLK rising edge.
4.11.3.1 GSPI Link Disable Operation
It is possible to disable the direct SDIN to SDOUT (Loop-Through) connection by writing
a value of 1 to the GSPI_LINK_DISABLE bit in REGISTER_0. When disabled, any data
appearing at the SDIN pin will not appear at the SDOUT pin and the SDOUT pin is HIGH.
Note: Disabling the Loop-Through operation is temporarily required when initializing
the Unit Address for up to 32 connected devices.
The time required to enable/disable the Loop-Through operation from assertion of the
register bit is less than the GSPI configuration command delay as defined by the
parameter tcmd_GSPI_config (5 SCLK cycles).
Figure 4-6: GSPI_LINK_DISABLE Operation
4.11.3.2 GSPI Bus-Through Operation
Using GSPI Bus-Through operation, the GS6151 can share a common PCB trace with
other GSPI devices for SDOUT output.
When configured for Bus-Through operation, by setting GSPI_BUS_THROUGH_ENABLE
bit to 1, the SDOUT pin will be high-impedance when the CS pin is HIGH.
When the CS pin is LOW, the SDOUT pin will be driven and will follow regular read and
write operation as described in Section 4.11.3.
Table 4-7: GSPI_LINK_DISABLE Bit Operation
Bit State
Description
0
SDIN pin is looped through to the SDOUT pin
1
Data appearing at SDIN does not appear at SDOUT, and SDOUT pin is HIGH.
SDIN pin
SDOUT pin
GSPI_LINK
_DISABLE
GSPI_BUS_
THROUGH_ENABLE
CS pin
High-Z
Configuration and
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com