Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 31 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 31 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 27Page - Semtech Corporation GS6151 Datasheet HTML 28Page - Semtech Corporation GS6151 Datasheet HTML 29Page - Semtech Corporation GS6151 Datasheet HTML 30Page - Semtech Corporation GS6151 Datasheet HTML 31Page - Semtech Corporation GS6151 Datasheet HTML 32Page - Semtech Corporation GS6151 Datasheet HTML 33Page - Semtech Corporation GS6151 Datasheet HTML 34Page - Semtech Corporation GS6151 Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
31 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.11.5.2 B'CAST ALL - B14 Command Word
This bit is used in write operations to configure all devices connected in Loop-Through
and Bus-Through configuration with a single command.
When B’CAST ALL is set to 1, the following Data Word (AUTOINC = 0) or Data Words
(AUTOINC = 1) are written to the register specified by the ADDRESS field of the
Command Word (and subsequent addresses when AUTOINC = 1), regardless of the
setting of the UNIT ADDRESS(es).
When B’CAST ALL is set to 0, a normal write operation is indicated. Only those devices
that have a Unit Address matching the UNIT ADDRESS field of the Command Word write
the Data Word to the register specified by the ADDRESS field of the Command Word.
4.11.5.3 EMEM - B13 Command Word
When the EMEM bit is 1 the Address Word is extended to 23 bits to allow access to
registers located in the extended memory space.
When the EMEM bit is 0, the address word is limited to 7 bits.
4.11.5.4 AUTOINC - B12 Command Word
When AUTOINC is set to 1, Auto-Increment read or write access is enabled.
In Auto-Increment Mode, the device automatically increments the register address for
each contiguous read or write access, starting from the address defined in the ADDRESS
field of the Command Word.
The internal address is incremented for each 16-bit read or write access until a
low-to-high transition on the CS pin is detected.
When AUTOINC is set to 0, single read or write access is required.
Auto-Increment write must not be used to update values in HOST_CONFIG.
4.11.5.5 UNIT ADDRESS - B11:B7 Command Word
The 5 bits of the UNIT ADDRESS field of the Command Word are used to select one of 32
devices connected on a single chip select in Loop-Through or Bus-Through
configurations.
Read and write accesses are only accepted if the UNIT ADDRESS field matches the
programmed DEVICE_UNIT_ADDRESS in HOST_CONFIG.
By default at power-up or after a device reset, the DEVICE_UNIT_ADDRESS is set to 00h
4.11.5.6 ADDRESS - B6:B0 Command Word
If the extended memory is not being accessed (EMEM = 0), the 7 bits of the ADDRESS
field are used to select one of 128 register addresses in the device in single read or write
access mode, or to set the starting address for read or write accesses in Auto-Increment
Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com