Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 32 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 28Page - Semtech Corporation GS6151 Datasheet HTML 29Page - Semtech Corporation GS6151 Datasheet HTML 30Page - Semtech Corporation GS6151 Datasheet HTML 31Page - Semtech Corporation GS6151 Datasheet HTML 32Page - Semtech Corporation GS6151 Datasheet HTML 33Page - Semtech Corporation GS6151 Datasheet HTML 34Page - Semtech Corporation GS6151 Datasheet HTML 35Page - Semtech Corporation GS6151 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
32 of 77
Semtech
Proprietary & Confidential
www.semtech.com
Figure 4-8: Command and Data Word Format
When EMEM is set to 1, the Address Word is extended to 23 bits. The Command and Data
Word format will be extended by another 16 bits, and is shown in Figure 4-9 below.
Figure 4-9: Command and Data Word Format with EMEM set to 1
MSB
LSB
R / W
EMEM
AUTOINC
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
Command Word
UNIT ADDRESS
ADDRESS
B’CAST
ALL
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
Data Word
7-bit CSR address field providing up to
128 configuration registers.
5-bit UNIT ADDRESS field providing up to
32 devices to be connected on a single CS.
Auto increment read/write access when set.
Single read write access when reset.
Extended memory mode. When set, the extended memory mode is
enabled. When reset, normal GSPI addressing is enabled.
Read access when this bit is set.
Write access when this bit is reset.
When set, the UNIT ADDRESS field is ignored and
all data accesses are actioned by the device.
When reset, the Unit Address is used to
manage data accesses in the device.
MSB
LSB
R / W
EMEM
AUTOINC
A7
A8
A9
A11
A10
Command Word
UNIT ADDRESS
ADDRESS[22:16]
B’CAST
ALL
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
Data Word
ADDRESS[15:0]
A16
A17
A18
A19
A20
A21
A22
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com