Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 57 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 57 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 53Page - Semtech Corporation GS6151 Datasheet HTML 54Page - Semtech Corporation GS6151 Datasheet HTML 55Page - Semtech Corporation GS6151 Datasheet HTML 56Page - Semtech Corporation GS6151 Datasheet HTML 57Page - Semtech Corporation GS6151 Datasheet HTML 58Page - Semtech Corporation GS6151 Datasheet HTML 59Page - Semtech Corporation GS6151 Datasheet HTML 60Page - Semtech Corporation GS6151 Datasheet HTML 61Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
57 of 77
Semtech
Proprietary & Confidential
www.semtech.com
1Fh
DRIVER_CONTROL_
REG_6
DDO1_SWING_BYPASS
15:12
RW
3h
Differential swing (amplitude) control for
unlocked signals output on DDO1 (when
CDR is operating in BYPASS mode). For
details refer to Section 4.5.3.
Also applies when the device is not locked.
Takes precedence over rate-specific swing
controls
DDO1_SWING_MUTE
11:8
RW
3h
Differential static amplitude control for
DDO1 when the output is muted. For details
refer to Section 4.5.3.
Takes precedence over rate-specific swing
controls and bypass swing control
DDO1_SWING_5G94
7:4
RW
3h
Differential swing (amplitude) control for
5.94Gb/s (6G UHD-SDI) signals output on
DDO1. For details refer to Section 4.5.3.
DDO1_SWING_2G97
3:0
RW
3h
Differential swing (amplitude) control for
2.97Gb/s (3Gb/s SDI) signals output on
DDO1. For details refer to Section 4.5.3.
20h
CDR_BYPASS
RSVD
15:2
RW
0h
Reserved. Do not change.
MANUAL_BYPASS
1:1
RW
0h
Used to manually bypass the retiming block
in the CDR.
00b: Re-timer not bypassed
01b: Re-timer bypassed
The assertion of MANUAL_BYPASS takes
precedence irrespective of the setting of
AUTO_BYPASS
AUTO_BYPASS
0:0
RW
1h
Selects between automatic and manual
bypass of the retiming block when the CDR
is not locked.
00b: Auto-Bypass is disabled
01b: Auto-Bypass is enabled
Even if AUTO_BYPASS is asserted, the
assertion of MANUAL_BYPASS will still cause
the re-timer to be bypassed.
21h
PD_CONTROL
RSVD
15:11
RW
0h
Reserved. Do not change.
OUTPUT_POLARITY_INVERT
10:10
RW
0h
Signal polarity invert at output of
CDR/bypass.
00b: Not inverted
01b: Inverted
RSVD
9:6
RW
2h
Reserved. Do not change.
RSVD
5:1
RW
0h
Reserved. Do not change.
INPUT_POLARITY_INVERT
0:0
RW
0h
Signal polarity invert at input to CDR/bypass.
00b: Not inverted
01b: Inverted
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com