Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 58 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 58 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 54Page - Semtech Corporation GS6151 Datasheet HTML 55Page - Semtech Corporation GS6151 Datasheet HTML 56Page - Semtech Corporation GS6151 Datasheet HTML 57Page - Semtech Corporation GS6151 Datasheet HTML 58Page - Semtech Corporation GS6151 Datasheet HTML 59Page - Semtech Corporation GS6151 Datasheet HTML 60Page - Semtech Corporation GS6151 Datasheet HTML 61Page - Semtech Corporation GS6151 Datasheet HTML 62Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
58 of 77
Semtech
Proprietary & Confidential
www.semtech.com
22h
PRBS_GEN_CTRL
PRBSGEN_DATASEL
14:14
RW
1h
Determines the DFT data output.
00b: Clock
01b: PRBS7 data
PRBSGEN_DIV
13:12
RW
0h
Divide ratio for the DFT clock.
00b: divide by 1
01b: divide by 2
10b: divide by 4
11b: divide by 8
PRBSGEN_START
11:11
RW
0h
When toggled HIGH then LOW starts the
internal PRBS7 data source.
PRBSGEN_EXT_CLK
10:10
RW
0h
Selects the source for the DFT clock:
00b: Internally generated clock
01b: External clock
PRBSGEN_PHASE
9:8
RW
2h
Controls the phase of the internally
generated DFT clock.
00b: 0 degree phase
01b: 90 degree phase
10b: 180 degree phase
11b: 270 degree phase
PRBSGEN_CLKSEL
7:7
RW
0h
Determines the source clock used by the
PRBS generator when PRBSGEN_EXT = 0
(internally generated clock).
00b: DFT VCO clock
01b: CDR clock
PRBSGEN_RATESEL
6:2
RW
2h
One-hot encoded rate indicator for the
dividers in PRBS generator circuit.
00001b: MADI
00010b: SD
00100b: HD
01000b: 3G
10000b: 6G
PRBSGEN_VCO_
POWERDOWN
1:1
RW
0h
When HIGH, causes the open-loop PRBSGEN
VCO to be shut off even if PRBSGEN_ENABLE
= 1.
Has no effect when PRBSGEN_ENABLE = 0.
PRBSGEN_ENABLE
0:0
RW
0h
When HIGH, the PRBS7 generator circuit is
enabled.
Must be enabled when using any feature in
the PRBS_GEN_CTRL register.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com