Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 64 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 64 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 60Page - Semtech Corporation GS6151 Datasheet HTML 61Page - Semtech Corporation GS6151 Datasheet HTML 62Page - Semtech Corporation GS6151 Datasheet HTML 63Page - Semtech Corporation GS6151 Datasheet HTML 64Page - Semtech Corporation GS6151 Datasheet HTML 65Page - Semtech Corporation GS6151 Datasheet HTML 66Page - Semtech Corporation GS6151 Datasheet HTML 67Page - Semtech Corporation GS6151 Datasheet HTML 68Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
64 of 77
Semtech
Proprietary & Confidential
www.semtech.com
32h
EYE_MON_
STATUS_REG_6
EYE_BITMAP_95_80
15:0
RO
0h
Bitmap of the per-phase pass/fail result from
the most recent automatic
(AUTO_SCAN_START) scan measurement for
phases 95 to 80.
A value of 1 in each bit indicates a pass for
the corresponding phase, while a value of 0
indicates a fail for that phase.
The order of the numbers shown in the
Parameter Name field corresponds to the bit
orientation for each phase being reported in
this register.
33h
EYE_MON_
STATUS_REG_7
EYE_BITMAP_79_64
15:0
RO
0h
Bitmap of the per-phase pass/fail result from
the most recent automatic
(AUTO_SCAN_START) scan measurement for
phases 79 to 64.
A value of 1 in each bit indicates a pass for
the corresponding phase, while a value of 0
indicates a fail for that phase.
The order of the numbers shown in the
Parameter Name field corresponds to the bit
orientation for each phase being reported in
this register.
34h
EYE_MON_
STATUS_REG_8
EYE_BITMAP_63_48
15:0
RO
0h
Bitmap of the per-phase pass/fail result from
the most recent automatic
(AUTO_SCAN_START) scan measurement for
phases 63 to 48.
A value of 1 in each bit indicates a pass for
the corresponding phase, while a value of 0
indicates a fail for that phase.
The order of the numbers shown in the
Parameter Name field corresponds to the bit
orientation for each phase being reported in
this register.
35h
EYE_MON_
STATUS_REG_9
EYE_BITMAP_47_32
15:0
RO
0h
Bitmap of the per-phase pass/fail result from
the most recent automatic
(AUTO_SCAN_START) scan measurement for
phases 47 to 32.
A value of 1 in each bit indicates a pass for
the corresponding phase, while a value of 0
indicates a fail for that phase.
The order of the numbers shown in the
Parameter Name field corresponds to the bit
orientation for each phase being reported in
this register.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com