Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 26Page - Semtech Corporation GS6151 Datasheet HTML 27Page - Semtech Corporation GS6151 Datasheet HTML 28Page - Semtech Corporation GS6151 Datasheet HTML 29Page - Semtech Corporation GS6151 Datasheet HTML 30Page - Semtech Corporation GS6151 Datasheet HTML 31Page - Semtech Corporation GS6151 Datasheet HTML 32Page - Semtech Corporation GS6151 Datasheet HTML 33Page - Semtech Corporation GS6151 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
30 of 77
Semtech
Proprietary & Confidential
www.semtech.com
Multiple chains of GS6151 devices can share a single SDOUT bus connection to host by
configuring the devices for Bus-Through operation. In such configuration, each chain
requires a separate Chip Select (CS).
Figure 4-7: GSPI_BUS_THROUGH_ENABLE Operation
4.11.4 SCLK Pin
The SCLK pin is the GSPI serial data shift clock input to the device, and must be provided
by the host processor.
Serial data is clocked into the GS6151 SDIN pin on the rising edge of SCLK. Serial data is
clocked out of the device from the SDOUT pin on the falling edge of SCLK (read
operation). SCLK is ignored when CS is HIGH.
The maximum interface clock rate is 27MHz.
4.11.5 Command Word Description
All GSPI accesses are a minimum of 32 bits in length (a 16-bit Command Word followed
by a 16-bit Data Word) and the start of each access is indicated by the high-to-low
transition of the chip select (CS) pin of the GS6151.
The format of the Command Word and Data Words are shown in Figure 4-8.
Data received immediately following this high-to-low transition will be interpreted as a
new Command Word.
4.11.5.1 R/W bit - B15 Command Word
This bit indicates a read or write operation.
When R/W is set to 1, a read operation is indicated, and data is read from the register
specified by the ADDRESS field of the Command Word.
When R/W is set to 0, a write operation is indicated, and data is written to the register
specified by the ADDRESS field of the Command Word.
SDIN pin
SDOUT pin
GSPI_LINK
_DISABLE
GSPI_BUS_
THROUGH_ENABLE
CS pin
High-Z
Configuration and
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com