Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 17 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 13Page - Semtech Corporation GS6151 Datasheet HTML 14Page - Semtech Corporation GS6151 Datasheet HTML 15Page - Semtech Corporation GS6151 Datasheet HTML 16Page - Semtech Corporation GS6151 Datasheet HTML 17Page - Semtech Corporation GS6151 Datasheet HTML 18Page - Semtech Corporation GS6151 Datasheet HTML 19Page - Semtech Corporation GS6151 Datasheet HTML 20Page - Semtech Corporation GS6151 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
17 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.1.2 Input Selection
The GS6151 incorporates a 2:1 input selector which allows the connection of two
independent streams of video/data.
The selector is controllable in three separate ways:
1. The DDI_SEL/STROBE pin can be used to select the input.
2. A GSPI accessible register can be used to select the input, with the state change
occurring as soon as the register value changes.
3. A GSPI accessible register can be used to select the input, with a rising edge on the
STROBE pin triggering a change to the next state.
Since these states are mutually exclusive, the DDI_SEL pin is shared with the STROBE
function.
In the case of using the DDI_SEL/STROBE pin (#1 above) or the STROBE pre-select
method (#3 above), the input selector will switch within 1μs of the change of state on
the corresponding pin(s). This strict timing requirement is not maintained when using
GSPI register selection (#2 above).
Each of the device’s two inputs is selected as shown in Table 4-2.
The DDI_SEL/STROBE pin includes an internal pull-down, which pulls the input voltage
LOW if the pin is left unconnected.
When using the STROBE pre-select method (#3 above), the pre-selected input buffer
and trace EQ is powered up in advance of the STROBE pulse.
Table 4-2: Pin and Register Settings for Input Selection
Register Settings
DDI_SEL/STROBE
Differential
High-speed Input
Selected
INPUT_SELECTION_
CONTROL 7h[9:8]
DDI_SELECT
7h[10]
X0 (default)
X
LOW
DDI0, DDI0
X0 (default)
X
HIGH
DDI1, DDI1
01
0
X
DDI0, DDI0
01
1
X
DDI1, DDI1
11
0
on LOW-to-HIGH
transition
DDI0, DDI0
11
1
on LOW-to-HIGH
transition
DDI1, DDI1
Note: ‘X’ indicates ‘Do Not Care’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com