Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 67 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 67 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 63Page - Semtech Corporation GS6151 Datasheet HTML 64Page - Semtech Corporation GS6151 Datasheet HTML 65Page - Semtech Corporation GS6151 Datasheet HTML 66Page - Semtech Corporation GS6151 Datasheet HTML 67Page - Semtech Corporation GS6151 Datasheet HTML 68Page - Semtech Corporation GS6151 Datasheet HTML 69Page - Semtech Corporation GS6151 Datasheet HTML 70Page - Semtech Corporation GS6151 Datasheet HTML 71Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
67 of 77
Semtech
Proprietary & Confidential
www.semtech.com
3Dh
PRBS_CTRL_3
PRBS_MON_MEASUREMENT_
TIME
15:0
RW
A8Bh
Selects measurement interval in multiples of
pre-divider cycles. The measurement time
for a single phase is:
PRBS_MON_MEASURE_PREDIVIDER *
(PRBS_MON_MEASUREMENT_TIME + 1) *
(1/108MHz).
The default value results in a 100μs
measurement time or roughly 12.8ms for a
full scan of 128 phases. The maximum
measurement time is ~1.25 seconds.
3Eh
PRBS_CTRL_4
PRBS_MON_PRBS_ERROR_
THRESHOLD
15:0
RW
3h
PRBS error count threshold for good/bad
BER for automatic eye scan. A measurement
is considered to pass if
PRBS_ERROR_COUNT is less than or equal to
this threshold. It fails if the count is greater.
The default threshold corresponds to a bit
error rate of 6.67E-6 at 6G using the default
measurement interval of 100μs.
3Fh
PRBS_CTRL_5
RSVD
15:11
RW
0h
Reserved. Do not change.
PRBS_MON_MANUAL_PHASE
10:4
RW
0h
Phase setting for manual timed or
continuous scans
RSVD
3:0
RW
3h
Reserved. Do not change.
40h
PRBS_CTRL_6
PRBS_MON_CLEAR
1:1
RW
0h
00b: No effect
01b: Manually clear error indication
Only used when
PRBS_MON_FORCE_CLEAR = 1
PRBS_MON_FORCE_CLEAR
0:0
RW
0h
00b: Manual error clearing is disabled
01b: Enables error clearing through
PRBS_MON_CLEAR
Allows host interface to directly control the
PRBS error counting algorithm, bypassing
the PRBS_MON_CTRL state machine.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com