Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 50 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 50 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 46Page - Semtech Corporation GS6151 Datasheet HTML 47Page - Semtech Corporation GS6151 Datasheet HTML 48Page - Semtech Corporation GS6151 Datasheet HTML 49Page - Semtech Corporation GS6151 Datasheet HTML 50Page - Semtech Corporation GS6151 Datasheet HTML 51Page - Semtech Corporation GS6151 Datasheet HTML 52Page - Semtech Corporation GS6151 Datasheet HTML 53Page - Semtech Corporation GS6151 Datasheet HTML 54Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
50 of 77
Semtech
Proprietary & Confidential
www.semtech.com
Fh
LOS_CONTROL_
REG_0
RSVD
15:10
RW
0h
Reserved. Do not change.
LOS_THRESHOLD_CONTROL_
ENABLE
9:9
RW
0h
Enables LOS threshold adjustment based on
the settings in the
DDI[0:1]_LOS_THRESHOLD_CONTROL bits
in the LOS_CONTROL_REG_1 register.
00b: Default internal thresholds are used
01b: Thresholds used in the
LOS_CONTROL_REG_1 register
LOS_DEASSERT_TIME
8:7
RW
2h
LOS De-Assert Time Delay:
00b: 2.30μs
01b: 1.50μs
10b: 1.20μs
11b: 0.90μs
LOS_ASSERT_TIME
6:5
RW
2h
LOS Assert Time Delay:
00b: 68μs
01b: 64μs
10b: 62μs
11b: 61μs
LOS_HYSTERESIS
4:1
RW
0h
LOS Threshold Hysteresis Adjustment:
0000b: 0 dB
0001b: 0.32 dB
0010b: 0.64 dB
0011b: 0.98 dB
0100b: 1.34 dB
0101b: 1.70 dB
0110b: 2.09 dB
0111b: 2.49 dB
1000b: 2.84 dB
1001b: 3.28 dB
1010b: 3.74 dB
1011b: 4.23 dB
1100b: 4.75 dB
1101b: 5.30 dB
1110b: 5.89 dB
1111b: 6.53 dB
LOS_PWRDN_OVERRIDE
0:0
RW
0h
Override the internal power-down control
for the LOS circuit.
00b: LOS active
01b: LOS powered down
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com