Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 72 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 72 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 68Page - Semtech Corporation GS6151 Datasheet HTML 69Page - Semtech Corporation GS6151 Datasheet HTML 70Page - Semtech Corporation GS6151 Datasheet HTML 71Page - Semtech Corporation GS6151 Datasheet HTML 72Page - Semtech Corporation GS6151 Datasheet HTML 73Page - Semtech Corporation GS6151 Datasheet HTML 74Page - Semtech Corporation GS6151 Datasheet HTML 75Page - Semtech Corporation GS6151 Datasheet HTML 76Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
72 of 77
Semtech
Proprietary & Confidential
www.semtech.com
RW = Read/Write
RO = Read Only
ROCW = Read Only/ Clear on Write
ROSW = Read Only/ Set on Write
Table 5-2: Register Descriptions - Extended Address Space
Address
Register
Name
Parameter
Name
Bit
Slice
R/W
Reset
Value
(Dec)
Description
D2h
PWR_
CONTROL
RSVD
15:2
RW
0h
Reserved. Do not change.
HS_LOCKED_POWER_SAVE
1:1
RW
0h
When enabled, reduces power when
locked to a rate of HD, 3G or 6G.
RSVD
0:0
RW
1h
Reserved. Do not change.
E4h
PLL_LBW_
CONTROL_
REG_0
RSVD
15:5
RW
4h
Reserved. Do not change.
PLL_LOOP_BANDWIDTH
4:0
RW
4h
Sets the rate specific PLL loop-bandwidth
when the device is locked.
00001b: Nominal / 4
00010b: Nominal / 2
00100b: Nominal (default)
01000b: Nominal x 2
11100b: Nominal x 4
See Table 2-3: AC Electrical Characteristics
for the PLL loop-bandwidth value set at
each rate by each of these settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com