Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 104 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 104 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 100Page - Cypress Semiconductor BCM4354 Datasheet HTML 101Page - Cypress Semiconductor BCM4354 Datasheet HTML 102Page - Cypress Semiconductor BCM4354 Datasheet HTML 103Page - Cypress Semiconductor BCM4354 Datasheet HTML 104Page - Cypress Semiconductor BCM4354 Datasheet HTML 105Page - Cypress Semiconductor BCM4354 Datasheet HTML 106Page - Cypress Semiconductor BCM4354 Datasheet HTML 107Page - Cypress Semiconductor BCM4354 Datasheet HTML 108Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 103
Signal Descriptions
The signal name, type, and description of each pin in the BCM4354 is listed in Table 21 (WLCSP) and Table 22
on page 111 (WLBGA). The symbols shown under Type indicate pin directions (I/O = bidirectional, I = input, O
= output) and the internal pull-up/pull-down characteristics (PU = weak internal pull-up resistor and PD = weak
internal pull-down resistor), if any.
Table 21: WLCSP Signal Descriptions
Bump#
Signal Name
Type
Description
WLAN and Bluetooth Receive RF Signal Interface
290
WRF_RFIN_2G_CORE0
I
2.4 GHz Bluetooth and WLAN CORE0 receiver
shared input
261
WRF_RFIN_2G_CORE1
I
2.4 GHz Bluetooth and WLAN CORE1 receiver
shared input
302
WRF_RFIN_5G_CORE0
I
5 GHz WLAN CORE0 receiver input
260
WRF_RFIN_5G_CORE1
I
5 GHz WLAN CORE1 receiver input
298
WRF_RFOUT_2G_CORE0
O
2.4 GHz WLAN CORE0 PA output
279
WRF_RFOUT_2G_CORE1
O
2.4 GHz WLAN CORE1 PA output
280
WRF_RFOUT_5G_CORE0
O
5 GHz WLAN CORE0 PA output
299
WRF_RFOUT_5G_CORE1
O
5 GHz WLAN CORE1 PA output
294
WRF_TSSI_A_CORE0
I
5 GHz TSSI CORE0 input from an optional external
power amplifier/power detector.
276
WRF_TSSI_A_CORE1
I
5 GHz TSSI CORE1 input from an optional external
power amplifier/power detector.
297
WRF_GPIO_OUT_CORE0
I/O
GPIO or 2.4 GHz TSSI CORE0 input from an optional
external power amplifier/power detector
258
WRF_GPIO_OUT_CORE1
I/O
GPIO or 2.4 GHz TSSI CORE1 input from an optional
external power amplifier/power detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com