Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 107 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 107 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 103Page - Cypress Semiconductor BCM4354 Datasheet HTML 104Page - Cypress Semiconductor BCM4354 Datasheet HTML 105Page - Cypress Semiconductor BCM4354 Datasheet HTML 106Page - Cypress Semiconductor BCM4354 Datasheet HTML 107Page - Cypress Semiconductor BCM4354 Datasheet HTML 108Page - Cypress Semiconductor BCM4354 Datasheet HTML 109Page - Cypress Semiconductor BCM4354 Datasheet HTML 110Page - Cypress Semiconductor BCM4354 Datasheet HTML 111Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 106
Clocks
251
WRF_XTAL_IN
I
XTAL oscillator input
253
WRF_XTAL_OUT
O
XTAL oscillator output
159
LPO_IN
I
External sleep clock input (32.768 kHz)
161
CLK_REQ
O
Reference clock request (shared by BT and WLAN).
If not used, this can be no-connect.
Bluetooth/FM Transceiver
49
BT_RF
O
Bluetooth PA output
–
BT_SF_CLK
I
SFLASH_CLK
–
BT_SF_CS_L
I/O
SFLASH_CSN
–
BT_SF_MISO
I/O
SFLASH master input, slave output
–
BT_SF_MOSI
I/O
SFLASH master output, slave input
61
FM_RFIN
I
FM radio antenna port
60
FM_RFAUX
I
FM radio auxiliary antenna port
54
FM_AOUT1
O
FM DAC output 1
55
FM_AOUT2
O
FM DAC output 2
Bluetooth PCM
179
BT_PCM_CLK
I/O
PCM clock; can be master (output) or slave (input)
173
BT_PCM_IN
I
PCM data input
177
BT_PCM_OUT
O
PCM data output
163
BT_PCM_SYNC
I/O
PCM sync; can be master (output) or slave (input).
Bluetooth USB Interface
164
BT_USB_DN
I/O
USB (Host) data negative. Negative terminal of the
USB transceiver.
169
BT_USB_DP
I/O
USB (Host) data positive. Positive terminal of the USB
transceiver.
Bluetooth UART
172
BT_UART_CTS_L
I
UART clear-to-send. Active-low clear-to-send signal
for the HCI UART interface.
178
BT_UART_RTS_L
O
UART request-to-send. Active-low request-to-send
signal for the HCI UART interface. BT LED control pin.
162
BT_UART_RXD
I
UART serial input. Serial data input for the HCI UART
interface.
157
BT_UART_TXD
O
UART serial output. Serial data output for the HCI
UART interface.
Table 21: WLCSP Signal Descriptions (Cont.)
Bump#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com