Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 111 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 111 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 107Page - Cypress Semiconductor BCM4354 Datasheet HTML 108Page - Cypress Semiconductor BCM4354 Datasheet HTML 109Page - Cypress Semiconductor BCM4354 Datasheet HTML 110Page - Cypress Semiconductor BCM4354 Datasheet HTML 111Page - Cypress Semiconductor BCM4354 Datasheet HTML 112Page - Cypress Semiconductor BCM4354 Datasheet HTML 113Page - Cypress Semiconductor BCM4354 Datasheet HTML 114Page - Cypress Semiconductor BCM4354 Datasheet HTML 115Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 110
265
WRF_PADRV_VBAT_GND3P3_CO
RE1
GND PAD CORE1 ground
248
WRF_XTAL_GND1P2
GND XTAL ground
291, 307 WRF_RX2G_GND1P2_CORE0
GND RX 2GHz CORE0 ground
259, 317 WRF_RX2G_GND1P2_CORE1
GND RX 2GHz CORE1 ground
292
WRF_RX5G_GND1P2_CORE0
GND RX 5GHz CORE0 ground
257
WRF_RX5G_GND1P2_CORE1
GND RX 5GHz CORE1 ground
252, 316 WRF_LOGEN_GND1P2
GND LOGEN ground
278
WRF_LOGENG_GND1P2
GND LOGEN ground
268, 030 WRF_PA5G_VBAT_GND3P3_COR
E0
GND 5 GHz PA CORE0 ground
286, 304 WRF_PA5G_VBAT_GND3P3_COR
E1
GND 5 GHz PA CORE1 ground
272, 300 WRF_PA2G_VBAT_GND3P3_COR
E0
GND 2 GHz PA CORE0 ground
284, 301 WRF_PA2G_VBAT_GND3P3_COR
E1
GND 2 GHz PA CORE1 ground
271
WRF_MMD_GND1P2
GND Ground
274, 318 WRF_CP_GND1P2
GND Ground
263
WRF_PFD_GND1P2
GND Ground
68–73,
75,
83–85,
88–95,
104–106,
116–122,
130, 200,
201, 217,
232–235,
254–245,
333, 334,
384–395
VSSC
GND Core ground for WLAN and BT
338, 349,
360, 364
SR_PVSS
GND Power ground
335
PMU_AVSS
GND Quiet ground
97
HSIC_AGND12PLL
GND HSIC PLL ground
40
BT_PAVSS
GND Bluetooth PA ground
43
BT_IFVSS
GND Bluetooth IF block ground
48
BT_PLLVSS
GND Bluetooth PLL ground
51
BT_VCOVSS
GND Bluetooth VCO ground
65
FM_VCOVSS
GND FM VCO ground
63
FM_LNAVSS
GND FM LNA ground
58
FM_PLLVSS
GND FM PLL ground
53
FM_AUDIOVSS
GND FM AUDIO ground
Table 21: WLCSP Signal Descriptions (Cont.)
Bump#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com