Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 108 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 108 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 104Page - Cypress Semiconductor BCM4354 Datasheet HTML 105Page - Cypress Semiconductor BCM4354 Datasheet HTML 106Page - Cypress Semiconductor BCM4354 Datasheet HTML 107Page - Cypress Semiconductor BCM4354 Datasheet HTML 108Page - Cypress Semiconductor BCM4354 Datasheet HTML 109Page - Cypress Semiconductor BCM4354 Datasheet HTML 110Page - Cypress Semiconductor BCM4354 Datasheet HTML 111Page - Cypress Semiconductor BCM4354 Datasheet HTML 112Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 107
Bluetooth/FM I2S
167
BT_I2S_CLK
I/O
I2S clock, can be master (output) or slave (input).
171
BT_I2S_DO
I/O
I2S data output
156
BT_I2S_DI
I/O
I2S data input
158
BT_I2S_WS
I/O
I2S WS; can be master (output) or slave (input).
Bluetooth GPIOs
155
BT_GPIO_2
I/O
Bluetooth general-purpose I/O
154
BT_GPIO_3
I/O
Bluetooth general-purpose I/O
168
BT_GPIO_4
I/O
Bluetooth general-purpose I/O
153
BT_GPIO_5
I/O
Bluetooth general-purpose I/O
Miscellaneous
319
WL_REG_ON
I
Used by PMU to power up or power down the internal
BCM4354 regulators used by the WLAN section.
Also, when deasserted, this pin holds the WLAN
section in reset. This pin has an internal 200 kΩ pull-
down resistor that is enabled by default. It can be
disabled through programming.
320
BT_REG_ON
I
Used by PMU to power up or power down the internal
BCM4354 regulators used by the Bluetooth/FM
section. Also, when deasserted, this pin holds the
Bluetooth/FM section in reset. This pin has an internal
200 kΩ pull-down resistor that is enabled by default. It
can be disabled through programming.
176
BT_DEV_WAKE
I/O
Bluetooth DEV_WAKE
170
BT_HOST_WAKE
I/O
Bluetooth HOST_WAKE
Integrated Voltage Regulators
340
SR_VDDBATA5V
I
Quiet VBAT
348
SR_VDDBATP5V
I
Power VBAT
336
SR_VLX
O
CBuck switching regulator output. Refer to Table 43
on page 158 for details of the inductor and capacitor
required on this output.
342
LDO_VDD1P5
I
LNLDO input
327
LDO_VDDBAT5V
I
LDO VBAT.
249
WRF_XTAL_VDD1P5
I
XTAL LDO input (1.35V)
254
WRF_XTAL_VDD1P2
O
XTAL LDO output (1.2V)
351
VOUT_LNLDO
O
Output of LNLDO
341
VOUT_CLDO
O
Output of core LDO
362
VOUT_BTLDO2P5
O
Output of BT LDO
346
VOUT_LDO3P3_B
O
Output of 3.3V LDO
324
VOUT_3P3
O
LDO 3.3V output
Table 21: WLCSP Signal Descriptions (Cont.)
Bump#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com