Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 112 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 112 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 108Page - Cypress Semiconductor BCM4354 Datasheet HTML 109Page - Cypress Semiconductor BCM4354 Datasheet HTML 110Page - Cypress Semiconductor BCM4354 Datasheet HTML 111Page - Cypress Semiconductor BCM4354 Datasheet HTML 112Page - Cypress Semiconductor BCM4354 Datasheet HTML 113Page - Cypress Semiconductor BCM4354 Datasheet HTML 114Page - Cypress Semiconductor BCM4354 Datasheet HTML 115Page - Cypress Semiconductor BCM4354 Datasheet HTML 116Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 111
144
AVSS_BBPLL
GND Baseband PLL ground
10
PCIE_AVSS
GND PCIe ground
1
PCIE_RXTX_AVSS
GND PCIe ground
2
PCIE_PLL_AVSS
GND PCIe ground
17, 18,
23, 26, 96
RGND
GND Ground
–
BTRGND
GND Ground
Table 22: WLBGA Signal Descriptions
Ball#
Signal Name
Type Description
WLAN and Bluetooth Receive RF Signal Interface
N1
WRF_RFIN_2G_CORE0
I
2.4 GHz Bluetooth and WLAN CORE0 receiver
shared input
V7
WRF_RFIN_2G_CORE1
I
2.4 GHz Bluetooth and WLAN CORE1 receiver
shared input
V1
WRF_RFIN_5G_CORE0
I
5 GHz WLAN CORE0 receiver input
V12
WRF_RFIN_5G_CORE1
I
5 GHz WLAN CORE1 receiver input
P1
WRF_RFOUT_2G_CORE0
O
2.4 GHz WLAN CORE0 PA output
V8
WRF_RFOUT_2G_CORE1
O
2.4 GHz WLAN CORE1 PA output
U1
WRF_RFOUT_5G_CORE0
O
5 GHz WLAN CORE0 PA output
V11
WRF_RFOUT_5G_CORE1
O
5 GHz WLAN CORE1 PA output
U3
WRF_TSSI_A_CORE0
I
5 GHz TSSI CORE0 input from an optional external
power amplifier/power detector.
T11
WRF_TSSI_A_CORE1
I
5 GHz TSSI CORE1 input from an optional external
power amplifier/power detector.
R4
WRF_GPIO_OUT_CORE0
I/O
GPIO or 2.4 GHz TSSI CORE0 input from an optional
external power amplifier/power detector
R9
WRF_GPIO_OUT_CORE1
I/O
GPIO or 2.4 GHz TSSI CORE1 input from an optional
external power amplifier/power detector
Table 21: WLCSP Signal Descriptions (Cont.)
Bump#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com