Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 116 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 116 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 112Page - Cypress Semiconductor BCM4354 Datasheet HTML 113Page - Cypress Semiconductor BCM4354 Datasheet HTML 114Page - Cypress Semiconductor BCM4354 Datasheet HTML 115Page - Cypress Semiconductor BCM4354 Datasheet HTML 116Page - Cypress Semiconductor BCM4354 Datasheet HTML 117Page - Cypress Semiconductor BCM4354 Datasheet HTML 118Page - Cypress Semiconductor BCM4354 Datasheet HTML 119Page - Cypress Semiconductor BCM4354 Datasheet HTML 120Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 115
J5
BT_UART_TXD
O
UART serial output. Serial data output for the HCI
UART interface.
Bluetooth/FM I2S
J6
BT_I2S_CLK
I/O
I2S clock, can be master (output) or slave (input).
G6
BT_I2S_DO
I/O
I2S data output
G5
BT_I2S_DI
I/O
I2S data input
L6
BT_I2S_WS
I/O
I2S WS; can be master (output) or slave (input).
Bluetooth GPIO
–
BT_GPIO_2
I/O
Bluetooth general-purpose I/O
–
BT_GPIO_3
I/O
Bluetooth general-purpose I/O
K4
BT_GPIO_4
I/O
Bluetooth general-purpose I/O
–
BT_GPIO_5
I/O
Bluetooth general-purpose I/O
Miscellaneous
A10
WL_REG_ON
I
Used by PMU to power up or power down the internal
BCM4354 regulators used by the WLAN section.
Also, when deasserted, this pin holds the WLAN
section in reset. This pin has an internal 200 kΩ pull-
down resistor that is enabled by default. It can be
disabled through programming.
D10
BT_REG_ON
I
Used by PMU to power up or power down the internal
BCM4354 regulators used by the Bluetooth/FM
section. Also, when deasserted, this pin holds the
Bluetooth/FM section in reset. This pin has an internal
200 kΩ pull-down resistor that is enabled by default. It
can be disabled through programming.
L4
BT_DEV_WAKE
I/O
Bluetooth DEV_WAKE
J3
BT_HOST_WAKE
I/O
Bluetooth HOST_WAKE
Integrated Voltage Regulators
B11
SR_VDDBATA5V
I
Quiet VBAT
B12
SR_VDDBATP5V
I
Power VBAT
A11
SR_VLX
O
CBuck switching regulator output. Refer to Table 43
on page 158 for details of the inductor and capacitor
required on this output.
C12
LDO_VDD1P5
I
LNLDO input
E12
LDO_VDDBAT5V
I
LDO VBAT.
P11
WRF_XTAL_VDD1P5
I
XTAL LDO input (1.35V)
N10
WRF_XTAL_VDD1P2
O
XTAL LDO output (1.2V)
D11
VOUT_LNLDO
O
Output of LNLDO
C11
VOUT_CLDO
O
Output of core LDO
D12
VOUT_BTLDO2P5
O
Output of BT LDO
E11
VOUT_LDO3P3_B
O
Output of 3.3V LDO
Table 22: WLBGA Signal Descriptions
Ball#
Signal Name
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com