Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 113 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 113 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 109Page - Cypress Semiconductor BCM4354 Datasheet HTML 110Page - Cypress Semiconductor BCM4354 Datasheet HTML 111Page - Cypress Semiconductor BCM4354 Datasheet HTML 112Page - Cypress Semiconductor BCM4354 Datasheet HTML 113Page - Cypress Semiconductor BCM4354 Datasheet HTML 114Page - Cypress Semiconductor BCM4354 Datasheet HTML 115Page - Cypress Semiconductor BCM4354 Datasheet HTML 116Page - Cypress Semiconductor BCM4354 Datasheet HTML 117Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 112
RF Switch Control Lines
R7
RF_SW_CTRL_0
O
Programmable RF switch control lines. The control
lines are programmable via the driver and NVRAM
file.
N8
RF_SW_CTRL_1
O
P9
RF_SW_CTRL_2
O
N7
RF_SW_CTRL_3
O
N5
RF_SW_CTRL_4
O
P7
RF_SW_CTRL_5
O
P5
RF_SW_CTRL_6
O
M8
RF_SW_CTRL_7
O
K12
RF_SW_CTRL_8
O
J11
RF_SW_CTRL_9
O
M12
RF_SW_CTRL_10
O
L9
RF_SW_CTRL_11
O
J9
RF_SW_CTRL_12
O
K10
RF_SW_CTRL_13
O
M10
RF_SW_CTRL_14
O
L8
RF_SW_CTRL_15
O
WLAN PCI Express Interface
D5
PCIE_CLKREQ_L
OD
PCIe clock request signal which indicates when the
REFCLK to the PCIe interface can be gated.
1 = the clock can be gated
0 = the clock is required
C4
PCIE_PERST_L
I (PU) PCIe System Reset. This input is the PCIe reset as
defined in the PCIe base specification version 1.1.
B1
PCIE_RDN0
I
Receiver differential pair (×1 lane)
C1
PCIE_RDP0
I
A5
PCIE_REFCLKN
I
PCIE Differential Clock inputs (negative and positive).
100 MHz differential.
A4
PCIE_REFCLKP
I
A3
PCIE_TDN0
O
Transmitter differential pair (×1 lane)
A2
PCIE_TDP0
O
C5
PCIE_PME_L
OD
PCI power management event output. Used to
request a change in the device or system power state.
The assertion and deassertion of this signal is
asynchronous to the PCIe reference clock. This signal
has an open-drain output structure, as per the PCI
Bus Local Bus Specification, revision 2.3.
C3
PCIE_TESTP
–
PCIe test pin
C2
PCIE_TESTN
–
Table 22: WLBGA Signal Descriptions
Ball#
Signal Name
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com