Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 110 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 110 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 106Page - Cypress Semiconductor BCM4354 Datasheet HTML 107Page - Cypress Semiconductor BCM4354 Datasheet HTML 108Page - Cypress Semiconductor BCM4354 Datasheet HTML 109Page - Cypress Semiconductor BCM4354 Datasheet HTML 110Page - Cypress Semiconductor BCM4354 Datasheet HTML 111Page - Cypress Semiconductor BCM4354 Datasheet HTML 112Page - Cypress Semiconductor BCM4354 Datasheet HTML 113Page - Cypress Semiconductor BCM4354 Datasheet HTML 114Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 109
Miscellaneous Supplies
160
OTP_VDD33
PWR OTP 3.3V supply
67, 74,
87, 103,
107–115,
127–129,
134–140,
203, 204,
208–211,
213, 224,
228, 241,
242, 246
VDDC
PWR 1.2V core supply for WLAN
206, 222,
231
VDDIO
PWR 1.8V–3.3V supply for WLAN. Must be directly
connected to PMU_VDDIO and BT_VDDIO on the
PCB.
145, 147,
369– 375,
BT_VDDC
PWR 1.2V core supply for BT
326
VDDIO_PMU
PWR 1.8V–3.3V supply for PMU controls. Must be directly
connected to VDDIO and BT_VDDIO on the PCB.
76
VDDIO_SD
PWR 1.8V–3.3V supply for SDIO pads
223
VDDIO_RF
PWR IO supply for RF switch control pads (3.3V)
98
HSIC_AVDD12PLL
PWR 1.2V supply for HSIC PLL
102
HSIC_DVDD12
PWR 1.2V supply for HSIC digital
143
AVDD_BBPLL
PWR Baseband PLL supply
11
PCIE_PLL_AVDD1P2
PWR 1.2V supply for PCIe PLL
7
PCIE_RXTX_AVDD1P2
PWR 1.2V supply for PCIE TX and RX
230
VDDIO_PCIE
PWR Supply the same voltage to this pin as used for the
PCIe out-of-band signals (that is, PCIE_PME_L). This
would be 1.8V or 3.3V, and cannot be turned off.
Ground
250
WRF_VCO_GND1P2
GND VCO/LOGEN ground
281
WRF_AFE_GND1P2_CORE0
GND CORE0 AFE ground
267
WRF_AFE_GND1P2_CORE1
GND CORE1 AFE ground
295
WRF_BUCK_GND1P5_CORE0
GND Internal capacitor-less CORE0 LDO ground
256
WRF_BUCK_GND1P5_CORE1
GND Internal capacitor-less CORE1 LDO ground
275
WRF_LNA_2G_GND1P2_CORE0
GND 2 GHz internal CORE0 LNA ground
282
WRF_LNA_2G_GND1P2_CORE1
GND 2 GHz internal CORE1 LNA ground
273
WRF_LNA_5G_GND1P2_CORE0
GND 5 GHz internal CORE0 LNA ground
283
WRF_LNA_5G_GND1P2_CORE1
GND 5 GHz internal CORE1 LNA ground
293
WRF_TX_GND1P2_CORE0
GND TX CORE0 ground
255
WRF_TX_GND1P2_CORE1
GND TX CORE1 ground
288
WRF_PADRV_VBAT_GND3P3_CO
RE0
GND PAD CORE0 ground
Table 21: WLCSP Signal Descriptions (Cont.)
Bump#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com