Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 118 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 118 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 114Page - Cypress Semiconductor BCM4354 Datasheet HTML 115Page - Cypress Semiconductor BCM4354 Datasheet HTML 116Page - Cypress Semiconductor BCM4354 Datasheet HTML 117Page - Cypress Semiconductor BCM4354 Datasheet HTML 118Page - Cypress Semiconductor BCM4354 Datasheet HTML 119Page - Cypress Semiconductor BCM4354 Datasheet HTML 120Page - Cypress Semiconductor BCM4354 Datasheet HTML 121Page - Cypress Semiconductor BCM4354 Datasheet HTML 122Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 117
E10
VDDIO
PWR 1.8V–3.3V supply for WLAN. Must be directly
connected to PMU_VDDIO and BT_VDDIO on the
PCB.
E4, H3,
M5
BT_VDDC
PWR 1.2V core supply for BT
–
VDDIO_PMU
PWR 1.8V–3.3V supply for PMU controls. Must be directly
connected to VDDIO and BT_VDDIO on the PCB.
E8
VDDIO_SD
PWR 1.8V–3.3V supply for SDIO pads
H11
VDDIO_RF
PWR IO supply for RF switch control pads (3.3V)
C7
HSIC_AVDD12PLL
PWR 1.2V supply for HSIC PLL
C6
HSIC_DVDD12
PWR 1.2V supply for HSIC digital
H7
AVDD_BBPLL
PWR Baseband PLL supply
B3
PCIE_PLL_AVDD1P2
PWR 1.2V supply for PCIe PLL
B2
PCIE_RXTX_AVDD1P2
PWR 1.2V supply for PCIE TX and RX
Ground
U6
WRF_VCO_GND1P2
GND VCO/LOGEN ground
P4
WRF_AFE_GND1P2_CORE0
GND CORE0 AFE ground
R8
WRF_AFE_GND1P2_CORE1
GND CORE1 AFE ground
V4
WRF_BUCK_GND1P5_CORE0
GND Internal capacitor-less CORE0 LDO ground
R12
WRF_BUCK_GND1P5_CORE1
GND Internal capacitor-less CORE1 LDO ground
N2
WRF_LNA_2G_GND1P2_CORE0
GND 2 GHz internal CORE0 LNA ground
U7
WRF_LNA_2G_GND1P2_CORE1
GND 2 GHz internal CORE1 LNA ground
V2
WRF_LNA_5G_GND1P2_CORE0
GND 5 GHz internal CORE0 LNA ground
U12
WRF_LNA_5G_GND1P2_CORE1
GND 5 GHz internal CORE1 LNA ground
P3
WRF_TX_GND1P2_CORE0
GND TX CORE0 ground
T8
WRF_TX_GND1P2_CORE1
GND TX CORE1 ground
T3
WRF_PADRV_VBAT_GND3P3_CO
RE0
GND PAD CORE0 ground
T10
WRF_PADRV_VBAT_GND3P3_CO
RE1
GND PAD CORE1 ground
N11
WRF_XTAL_GND1P2
GND XTAL ground
N3
WRF_RX2G_GND1P2_CORE0
GND RX 2GHz CORE0 ground
T7
WRF_RX2G_GND1P2_CORE1
GND RX 2GHz CORE1 ground
V3
WRF_RX5G_GND1P2_CORE0
GND RX 5GHz CORE0 ground
T12
WRF_RX5G_GND1P2_CORE1
GND RX 5GHz CORE1 ground
R6
WRF_LOGEN_GND1P2
GND LOGEN ground
R5
WRF_LOGENG_GND1P2
GND LOGEN ground
T2, U2
WRF_PA5G_VBAT_GND3P3_COR
E0
GND 5 GHz PA CORE0 ground
U10, U11 WRF_PA5G_VBAT_GND3P3_COR
E1
GND 5 GHz PA CORE1 ground
Table 22: WLBGA Signal Descriptions
Ball#
Signal Name
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com