Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 120 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 120 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 116Page - Cypress Semiconductor BCM4354 Datasheet HTML 117Page - Cypress Semiconductor BCM4354 Datasheet HTML 118Page - Cypress Semiconductor BCM4354 Datasheet HTML 119Page - Cypress Semiconductor BCM4354 Datasheet HTML 120Page - Cypress Semiconductor BCM4354 Datasheet HTML 121Page - Cypress Semiconductor BCM4354 Datasheet HTML 122Page - Cypress Semiconductor BCM4354 Datasheet HTML 123Page - Cypress Semiconductor BCM4354 Datasheet HTML 124Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 192 page
background image
WLAN/BT GPIO Signals and Strapping Options
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 119
WLAN/BT GPIO Signals and Strapping Options
The pins listed in Table 23 and Table 24 are sampled at power-on reset (POR) to determine the various
operating modes. Sampling occurs a few milliseconds after an internal POR or deassertion of the external POR.
After the POR, each pin assumes the GPIO or alternative function specified in the signal descriptions table.
Each strapping option pin has an internal pull-up (PU) or pull-down (PD) resistor that determines the default
mode. To change the mode, connect an external PU resistor to VDDIO or a PD resistor to GND, using a 10 kΩ
resistor or less.
Note: Refer to the reference board schematics for more information.
Table 23: WLAN GPIO Functions and Strapping Options
Pin Name
Default Function Description
GPIO_4
0
1: SPROM is present
0: SPROM is absent (default). Applicable in PCIe Host mode.
Note:
In SDIO Host mode, sdioPadVddio is 3.3V while set to 1, and 1.8V
while set to 0.
GPIO_5
0
0: sflash absent (default)
1: sflash present
GPIO_[10, 9, 8]
[0,0,0]
Host interface selection: see Table 25.
GPIO_12
1
1 = HTAvailable (default)
0 = ResourceModeInit is ALPAvailable. On PCBs, use a pull-down and tie
to ALP clock mode.
Table 24: BT GPIO Functions and Strapping Options
Pin Name
Default
Function Description
BT_GPIO4
0
1: BT Serial Flash is present.
0: BT Serial Flash is absent (default)
Table 25: GPIO_[10, 9, 8] Host Interface Selection
GPIO_[10, 9, 8]
Bit Setting
WLAN Host Interface Mode
Bluetooth Mode
000
SDIO
BTUART or BTUSB;
BT tPorts stand-alone.
010
HSIC_30D
BTUART or BTUSB;
BT tPorts stand-alone
011
PCIE
BTUART or BTUSB;
BT tPorts stand-alone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com