Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 119 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 119 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 115Page - Cypress Semiconductor BCM4354 Datasheet HTML 116Page - Cypress Semiconductor BCM4354 Datasheet HTML 117Page - Cypress Semiconductor BCM4354 Datasheet HTML 118Page - Cypress Semiconductor BCM4354 Datasheet HTML 119Page - Cypress Semiconductor BCM4354 Datasheet HTML 120Page - Cypress Semiconductor BCM4354 Datasheet HTML 121Page - Cypress Semiconductor BCM4354 Datasheet HTML 122Page - Cypress Semiconductor BCM4354 Datasheet HTML 123Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 118
P2, R2
WRF_PA2G_VBAT_GND3P3_COR
E0
GND 2 GHz PA CORE0 ground
U8, U9
WRF_PA2G_VBAT_GND3P3_COR
E1
GND 2 GHz PA CORE1 ground
T6
WRF_MMD_GND1P2
GND Ground
V5
WRF_CP_GND1P2
GND Ground
U5
WRF_PFD_GND1P2
GND Ground
C10, D3,
D6, G4,
G8, G12,
L7, L11,
M4
VSSC
GND Core ground for WLAN and BT
A12
SR_PVSS
GND Power ground
B10
PMU_AVSS
GND Quiet ground
B6
HSIC_AGND12PLL
GND HSIC PLL ground
L2
BT_PAVSS
GND Bluetooth PA ground
M3
BT_IFVSS
GND Bluetooth IF block ground
L3
BT_PLLVSS
GND Bluetooth PLL ground
J2
BT_VCOVSS
GND Bluetooth VCO ground
G2
FM_VCOVSS
GND FM VCO ground
H2
FM_LNAVSS
GND FM LNA ground
G3
FM_PLLVSS
GND FM PLL ground
F2
FM_AUDIOVSS
GND FM AUDIO ground
G7
AVSS_BBPLL
GND Baseband PLL ground
–
PCIE_AVSS
GND PCIe ground
B4
PCIE_RXTX_AVSS
GND PCIe ground
B5
PCIE_PLL_AVSS
GND PCIe ground
–
RGND
GND Ground
–
BTRGND
GND Ground
Table 22: WLBGA Signal Descriptions
Ball#
Signal Name
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com