Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 123 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 123 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 119Page - Cypress Semiconductor BCM4354 Datasheet HTML 120Page - Cypress Semiconductor BCM4354 Datasheet HTML 121Page - Cypress Semiconductor BCM4354 Datasheet HTML 122Page - Cypress Semiconductor BCM4354 Datasheet HTML 123Page - Cypress Semiconductor BCM4354 Datasheet HTML 124Page - Cypress Semiconductor BCM4354 Datasheet HTML 125Page - Cypress Semiconductor BCM4354 Datasheet HTML 126Page - Cypress Semiconductor BCM4354 Datasheet HTML 127Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 192 page
background image
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 122
I/O States
BROADCOM CONFIDENTIAL
BCM4354 Data Sheet
I/O States
The following notations are used in Table 28: “I/O States,” on page 122:
I: Input signal
O: Output signal
I/O: Input/Output signal
PU = Pulled up
PD = Pulled down
NoPull = Neither pulled up nor pulled down
Note: Where applicable, the default value is shown in bold brackets (for example, [default value].
Table 28: I/O States
Name
I/O
Keepera Active Mode
Low Power State/Sleep (All
Power Present)
Power-downb
(BT_REG_ON and
WL_REG_ON Held
Low)
Out-of-Reset; Before
SW Download
(BT_REG_ON High;
WL_REG_ON High)
(WL_REG_ON High
and BT_REG_ON Low)
and VDDIOs Are
Present
Power Rail
WL_REG_ON
I
N
I: PD
Pull-down can be disabled
I: PD
Pull-down can be disabled
I: PD (of 200K)
I: PD (of 200K)
I: PD (of 200K)
–
BT_REG_ON
CLK_REQ
I/O Y
Open drain or push-pull
Programmable
Active high
Open drain or push-pull
Programmable
Active high
High-Z, NoPull
Open drain
Active high
Open drain
Active high
BT_VDDIO
BT_HOST_WAKE I/O Y
I/O: PU, PD, NoPull
Programmable
I/O: PU, PD, NoPull
Programmable
High-Z, NoPull
I: PD
I: PD
BT_DEV_WAKE
BT_GPIO 5
BT_GPIO 4
I: Floating, but input
disabled
BT_GPIO 2, 3
I: PU
I: PU
BT_UART_CTS
I
Y
I: NoPull; PU programmable
I: NoPull
High-Z, NoPull
I: PU
I: PU
BT_UART_RTS
O
O: NoPull
O: NoPull
BT_UART_RXD
I
I: PU
I: NoPull
BT_UART_TXD
O
O: NoPull
O: NoPull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com