Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 140 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 140 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 136Page - Cypress Semiconductor BCM4354 Datasheet HTML 137Page - Cypress Semiconductor BCM4354 Datasheet HTML 138Page - Cypress Semiconductor BCM4354 Datasheet HTML 139Page - Cypress Semiconductor BCM4354 Datasheet HTML 140Page - Cypress Semiconductor BCM4354 Datasheet HTML 141Page - Cypress Semiconductor BCM4354 Datasheet HTML 142Page - Cypress Semiconductor BCM4354 Datasheet HTML 143Page - Cypress Semiconductor BCM4354 Datasheet HTML 144Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 192 page
background image
FM Receiver Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 139
Audio in-band ripple
100 Hz to 13 kHz,
Vin = 66 dBµV EMF (2 mV EMF)
∆f = 8 kHz, for 50 µs
–0.5
–
0.5
dB
De-emphasis time
constant tolerance
With respect to 50 and 75 µs
–
–
±5
%
RSSI range
With 1 dB resolution and ± 5 dB
accuracy at room temp
3–
83
dBµV
EMF
1.41
–
14.1m
µV EMF
–3
–
77
dBuV
Stereo Decoder
Stereo channel separation Forced Stereo mode
Vin = 66 dBµV EMF (2 mV EMF),
∆f = 67.5 kHz, fmod = 1 kHz,
∆f Pilot = 6.75 kHz
R = 0, L = 1
–48
–
dB
Mono stereo blend and
switching
Blending and switching is dynamically proportional to the FM wanted input signal C/
N. The blending and switching characteristics are fully programmable. Refer to
“Audio Features” on page 63 for further details.
Pilot suppression
Vin = 66 dBµV EMF (2 mV EMF),
∆f = 75 kHz, fmod = 1 kHz
46
–
–
dB
Pause detection
Audio level at which a
pause is detected
Relative to 1 kHz tone, ∆f = 22.5 kHz
–
–
–
–
Four values in 3 dB steps
–21
–
–12
dB
Audio pause duration
Four values
20
–
40
ms
a. Following conditions are applied to all relevant tests unless otherwise indicated: Pre-emphasis and de-emphasis
of 50 us, R = L for mono, DAC Load ≥ 20 kΩ, BAF = 300 Hz to 15 kHz, and A-weighted filtering applied.
b. Contact Broadcom regarding applications that operate between 65 and 76 MHz.
c. Wanted Signal: ∆f = 22.5 kHz, and fmod = 1 kHz.
d. Interferer: ∆f = 22.5 kHz, and fmod = 1 kHz.
e. RDS sensitivity numbers are for 87.5–108 MHz only.
f. Vin = ∆f = 32 kHz, fmod = 1 kHz, ∆f Pilot = 7.5 kHz, and 95% of blocks decoded with no errors after correction.
g. Vin = 66 dBµV EMF (2 mV EMF), ∆f = 22.5 kHz, fmod = 1 kHz, and ∆f Pilot = 6.75 kHz.
h. Vin = 66 dBµV EMF (2 mV EMF), ∆f = 100 kHz, fmod = 1 kHz, and ∆f Pilot = 6.75 kHz.
i. Vin = 66 dBµV EMF (2 mV EMF), ∆f = 22.5 kHz, and fmod = 1 kHz.
Table 37: FM Receiver Specifications (Cont.)
Parameter
Conditionsa
Minimum
Typica
l
Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com