Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 136 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 136 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 132Page - Cypress Semiconductor BCM4354 Datasheet HTML 133Page - Cypress Semiconductor BCM4354 Datasheet HTML 134Page - Cypress Semiconductor BCM4354 Datasheet HTML 135Page - Cypress Semiconductor BCM4354 Datasheet HTML 136Page - Cypress Semiconductor BCM4354 Datasheet HTML 137Page - Cypress Semiconductor BCM4354 Datasheet HTML 138Page - Cypress Semiconductor BCM4354 Datasheet HTML 139Page - Cypress Semiconductor BCM4354 Datasheet HTML 140Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 192 page
background image
FM Receiver Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 135
Section 16: FM Receiver Specifications
Unless otherwise stated, limit values apply for the conditions specified inTable 30: “Environmental Ratings,” on
page 126 and Table 32: “Recommended Operating Conditions and DC Characteristics,” on page 127. Typical
values apply for an ambient temperature +25°C.
Note: Values in this data sheet are design goals and are subject to change based on the results of
device characterization.
Table 37: FM Receiver Specifications
Parameter
Conditionsa
Minimum
Typica
l
Maximum Units
RF Parameters
Operating frequencyb
Frequencies inclusive
65
–
108
MHz
Sensitivityc
FM only
SNR ≥ 26 dB
–0
–
dBµV
EMF
–1
–
µV EMF
–
–6
–
dBuV
Receiver adjacent
channel selectivityc,d
Measured for 30 dB SNR at the audio
output.
Wanted Signal: 23 dBµV EMF (14.1 µV
EMF), at ± 200 kHz.
–51
–
dB
At ± 400 kHz
–
62
–
dB
Intermediate signal plus
noise-to-noise ratio (S+N)/
N, stereoc
Vin = 20 dBµV EMF (10 µV EMF)
45
53
–
dB
Intermodulation
performancec,d
Blocker level increased until desired at
30 dB SNR
Wanted Signal: 33 dBµV EMF (45 µV
EMF)
Modulated Interferer: At fWanted
±400 kHz and ±4 MHz
CW Interferer: At fWanted ± 800 kHz and
±8 MHz
–55
–
dBc
AM suppression, monoc
Vin = 23 dBµV EMF (14.1 µV EMF)
AM at 400 Hz with m = 0.3
No A-weighted or any other filtering
applied.
40
–
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com