Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 138 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 138 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 134Page - Cypress Semiconductor BCM4354 Datasheet HTML 135Page - Cypress Semiconductor BCM4354 Datasheet HTML 136Page - Cypress Semiconductor BCM4354 Datasheet HTML 137Page - Cypress Semiconductor BCM4354 Datasheet HTML 138Page - Cypress Semiconductor BCM4354 Datasheet HTML 139Page - Cypress Semiconductor BCM4354 Datasheet HTML 140Page - Cypress Semiconductor BCM4354 Datasheet HTML 141Page - Cypress Semiconductor BCM4354 Datasheet HTML 142Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 192 page
background image
FM Receiver Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 137
RF blocking levels at the
FM antenna input 40 dB
SNR (assumes a 50Ω at
the radio input and
excludes spurs)
GSM850, E-GSM (std), BW = 0.2 MHz,
824–849 MHz
880–915 MHz
–7
–
dBm
GSM850, E-GSM (edge),
BW = 0.2 MHz,
824–849 MHz
880–915 MHz
––1
–
dBm
GSM DCS 1800, PCS 1900 (std/edge),
BW = 0.2 MHz,
1710–1785 MHz
1850–1910 MHz
–12
–
dBm
WCDMA: II(I), III(IV, X),
BW = 5 MHz,
1850–1980 MHz (1920–1980 MHz),
1710–1785 MHz (1710–1755 MHz,
1710–1770 MHz)
–12
–
dBm
WCDMA: V(VI), VIII, XII, XIII, XIV,
BW = 5 MHz,
824–849 MHz (830–840 MHz),
880–915 MHz
–5
–
dBm
CDMA2000, cdmaOne, BW = 1.25 MHz,
824–849 MHz,
887–925 MHz,
776–794 MHz
–0
–
dBm
CDMA2000, cdmaOne, BW = 1.25 MHz,
1850–1910 MHz,
1750–1780 MHz,
1920–1980 MHz
–12
–
dBm
Bluetooth, BW = 1 MHz,
2402–2480 MHz
–11
–
dBm
IEEE 802.11g/b, BW = 20 MHz,
2400–2483.5 MHz
–11
–
dBm
IEEE 802.11a, BW = 20 MHz,
4915–5825 MHz
–6
–
dBm
2500–2570 MHz
Band 7
–
11
–
dBm
2300–2400 MHz
Band 40
–
11
–
dBm
2570–2620 MHz
Band 38
–
11
–
dBm
2545–2575 MHz
XGP Band
–
11
–
dBm
Tuning
Frequency step
–
10
–
–
kHz
Settling time
Single-frequency switch in any direction
to a frequency within the bands 88–
108 MHz or 76–90 MHz. Time measured
to within 5 kHz of the final frequency.
–150
–
µs
Table 37: FM Receiver Specifications (Cont.)
Parameter
Conditionsa
Minimum
Typica
l
Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com