Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 135 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 135 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 131Page - Cypress Semiconductor BCM4354 Datasheet HTML 132Page - Cypress Semiconductor BCM4354 Datasheet HTML 133Page - Cypress Semiconductor BCM4354 Datasheet HTML 134Page - Cypress Semiconductor BCM4354 Datasheet HTML 135Page - Cypress Semiconductor BCM4354 Datasheet HTML 136Page - Cypress Semiconductor BCM4354 Datasheet HTML 137Page - Cypress Semiconductor BCM4354 Datasheet HTML 138Page - Cypress Semiconductor BCM4354 Datasheet HTML 139Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 192 page
background image
Bluetooth RF Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 134
Table 35: Local Oscillator Performance
Parameter
Minimum
Typical
Maximum Unit
LO Performance
Lock time
–
72
–
s
Initial carrier frequency tolerance
–
±25
±75
kHz
Frequency Drift
DH1 packet
–
±8
±25
kHz
DH3 packet
–
±8
±40
kHz
DH5 packet
–
±8
±40
kHz
Drift rate
–
5
20
kHz/50 µs
Frequency Deviation
00001111 sequence in payloada
a. This pattern represents an average deviation in payload.
140
155
175
kHz
10101010 sequence in payloadb
b. Pattern represents the maximum deviation in payload for 99.9% of all frequency deviations.
115
140
–
kHz
Channel spacing
–
1
–
MHz
Table 36: BLE RF Specifications
Parameter
Conditions
Minimum
Typical
Maximum Unit
Frequency range
–
2402
–
2480
MHz
RX sensea
a. Dirty TX is On.
GFSK, 0.1% BER, 1 Mbps
–
–95.5
–
dBm
TX powerb
b. BLE TX power can be increased to compensate for front-end losses such as BPF, diplexer, switch, etc.). The
output is capped at 12 dBm out. The BLE TX power at the antenna port cannot exceed the 10 dBm specification
limit.
–
–
8.5
–
dBm
Mod Char: delta F1 average –
225
255
275
kHz
Mod Char: delta F2 max.c
c. At least 99.9% of all delta F2 max. frequency values recorded over 10 packets must be greater than 185 kHz.
–99.9
–
–
%
Mod Char: ratio
–
0.8
0.95
–
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com