Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 133 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 133 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 129Page - Cypress Semiconductor BCM4354 Datasheet HTML 130Page - Cypress Semiconductor BCM4354 Datasheet HTML 131Page - Cypress Semiconductor BCM4354 Datasheet HTML 132Page - Cypress Semiconductor BCM4354 Datasheet HTML 133Page - Cypress Semiconductor BCM4354 Datasheet HTML 134Page - Cypress Semiconductor BCM4354 Datasheet HTML 135Page - Cypress Semiconductor BCM4354 Datasheet HTML 136Page - Cypress Semiconductor BCM4354 Datasheet HTML 137Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 192 page
background image
Bluetooth RF Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 132
1710–1785 MHz
GSM1800
–
–18.1
–
dBm
1710–1785 MHz
WCDMA
–
–17.4
–
dBm
1850–1910 MHz
GSM1900
–
–19.1
–
dBm
1850–1910 MHz
WCDMA
–
–18.6
–
dBm
1880–1920 MHz
TD-SCDMA
–
–19.3
–
dBm
1920–1980 MHz
WCDMA
–
–18.9
–
dBm
2010–2025 MHz
TD-SCDMA
–
–20.4
–
dBm
2500–2570 MHz
WCDMA
–
–21.4
–
dBm
2500–2570 MHzc
Band 7
–
–31.0
–
dBm
2300–2400 MHzd
Band 40
–
–34.5
–
dBm
2570–2620 MHze
Band 38
–
–31.2
–
dBm
2545–2575 MHzf
XGP Band
–
–30.0
–
dBm
Spurious Emissions
30 MHz–1 GHz
–
–95
–62
dBm
1–12.75 GHz
–
–70
–47
dBm
851–894 MHz
–
–147
–
dBm/Hz
925–960 MHz
–
–147
–
dBm/Hz
1805–1880 MHz
–
–147
–
dBm/Hz
1930–1990 MHz
–
–147
–
dBm/Hz
2110–2170 MHz
–
–147
–
dBm/Hz
a. The maximum value represents the actual Bluetooth specification required for Bluetooth qualification as defined
in the version 4.1 specification.
b. Bluetooth reference level for the wanted signal at the Bluetooth Chip port = at 3 dB desense for each data rate.
c. Interferer: 2560 MHz, BW=10 MHz; measured at 2480 MHz.
d. Interferer: 2360 MHz, BW=10 MHz; measured at 2402 MHz.
e. Interferer: 2380 MHz, BW=10 MHz; measured at 2480 MHz.
f. Interferer: 2355 MHz, BW=10 MHz; measured at 2480 MHz.
Table 34: Bluetooth Transmitter RF Specifications
Parameter
Conditions
Minimum Typical Maximum Unit
Note:
The specifications in this table are measured at the Chip port output unless otherwise specified.
General
Frequency range
2402
–
2480
MHz
Basic rate (GFSK) TX power at Bluetooth
–
13.0
–
dBm
QPSK TX power at Bluetooth
–
10.0
–
dBm
8PSK TX power at Bluetooth
–
10.0
–
dBm
Power control step
–
2
4
8
dB
Note:
Output power is with TCA and TSSI enabled.
Table 33: Bluetooth Receiver RF Specifications (Cont.)
Parameter
Conditions
Minimum
Typical
Maximum Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com