Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 130 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 130 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 126Page - Cypress Semiconductor BCM4354 Datasheet HTML 127Page - Cypress Semiconductor BCM4354 Datasheet HTML 128Page - Cypress Semiconductor BCM4354 Datasheet HTML 129Page - Cypress Semiconductor BCM4354 Datasheet HTML 130Page - Cypress Semiconductor BCM4354 Datasheet HTML 131Page - Cypress Semiconductor BCM4354 Datasheet HTML 132Page - Cypress Semiconductor BCM4354 Datasheet HTML 133Page - Cypress Semiconductor BCM4354 Datasheet HTML 134Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 192 page
background image
Bluetooth RF Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 129
Section 15: Bluetooth RF Specifications
Unless otherwise stated, limit values apply for the conditions specified in Table 30: “Environmental Ratings,” on
page 126 and Table 32: “Recommended Operating Conditions and DC Characteristics,” on page 127. Typical
values apply for an ambient temperature of +25°C.
Figure 35: RF Port Location for Bluetooth Testing
Note: Values in this data sheet are design goals and are subject to change based on the results of
device characterization.
Note: All Bluetooth specifications are measured at the chip port unless otherwise specified.
Table 33: Bluetooth Receiver RF Specifications
Parameter
Conditions
Minimum
Typical
Maximum Unit
Note:
The specifications in this table are measured at the chip port output unless otherwise specified.
General
Frequency range
–
2402
–
2480
MHz
RX sensitivity
GFSK, 0.1% BER, 1 Mbps –
–93.5
–
dBm
/4–DQPSK, 0.01% BER,
2Mbps
–
–95.5
–
dBm
8–DPSK, 0.01% BER,
3Mbps
–
–89.5
–
dBm
Input IP3
–
–16
–
–
dBm
Maximum input at antenna
–
–
–
–20
dBm
Filter
RF Switch
(0.5 dB Insertion Loss)
Antenna
Port
RF Port
WLAN Tx
BT Tx
WLAN/BT Rx
Chip
Port
BCM4354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com