Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 128 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 128 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 124Page - Cypress Semiconductor BCM4354 Datasheet HTML 125Page - Cypress Semiconductor BCM4354 Datasheet HTML 126Page - Cypress Semiconductor BCM4354 Datasheet HTML 127Page - Cypress Semiconductor BCM4354 Datasheet HTML 128Page - Cypress Semiconductor BCM4354 Datasheet HTML 129Page - Cypress Semiconductor BCM4354 Datasheet HTML 130Page - Cypress Semiconductor BCM4354 Datasheet HTML 131Page - Cypress Semiconductor BCM4354 Datasheet HTML 132Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 192 page
background image
Recommended Operating Conditions and DC Characteristics
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 127
Recommended Operating Conditions and DC Characteristics
Caution! Functional operation is not guaranteed outside of the limits shown in Table 32, and operation
outside these limits for extended periods can adversely affect long-term reliability of the device.
Table 32: Recommended Operating Conditions and DC Characteristics
Parameter
Symbol
Value
Unit
Minimum
Typical
Maximum
DC supply voltage for VBAT
VBAT
3.0a
–
5.25b
V
DC supply voltage for core
VDD
1.14
1.2
1.26
V
DC supply voltage for RF blocks in chip
VDDRF
1.14
1.2
1.26
V
DC supply voltage for TCXO input buffer
WRF_TCXO_VD
D
1.62
1.8
1.98
V
DC supply voltage for digital I/O
VDDIO,
VDDIO_SD
1.62
–
3.63
V
DC supply voltage for RF switch I/Os
VDDIO_RF
3.13
3.3
3.46
V
External TSSI input
TSSI
0.15
–
0.95
V
Internal POR threshold
Vth_POR
0.4
–
0.7
V
SDIO Interface I/O Pins
For VDDIO_SD = 1.8V:
Input high voltage
VIH
1.27
–
–V
Input low voltage
VIL
–
–0.58
V
Output high voltage @ 2 mA
VOH
1.40
–
–V
Output low voltage @ 2 mA
VOL
–
–0.45
V
For VDDIO_SD = 3.3V:
Input high voltage
VIH
0.625 ×
VDDIO
–
–V
Input low voltage
VIL
–
–
0.25 ×
VDDIO
V
Output high voltage @ 2 mA
VOH
0.75 ×
VDDIO
––
V
Output low voltage @ 2 mA
VOL
–
–
0.125 ×
VDDIO
V
Other Digital I/O Pins
For VDDIO = 1.8V:
Input high voltage
VIH
0.65 ×
VDDIO
–
–V
Input low voltage
VIL
–
–
0.35 ×
VDDIO
V
Output high voltage @ 2 mA
VOH
VDDIO –
0.45
–
–V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com