Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 132 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 132 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 128Page - Cypress Semiconductor BCM4354 Datasheet HTML 129Page - Cypress Semiconductor BCM4354 Datasheet HTML 130Page - Cypress Semiconductor BCM4354 Datasheet HTML 131Page - Cypress Semiconductor BCM4354 Datasheet HTML 132Page - Cypress Semiconductor BCM4354 Datasheet HTML 133Page - Cypress Semiconductor BCM4354 Datasheet HTML 134Page - Cypress Semiconductor BCM4354 Datasheet HTML 135Page - Cypress Semiconductor BCM4354 Datasheet HTML 136Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 192 page
background image
Bluetooth RF Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 131
1710–1785 MHz
WCDMA
–
–17.4
–
dBm
1850–1910 MHz
GSM1900
–
–19.4
–
dBm
1850–1910 MHz
WCDMA
–
–18.8
–
dBm
1880–1920 MHz
TD-SCDMA
–
–19.7
–
dBm
1920–1980 MHz
WCDMA
–
–19.6
–
dBm
2010–2025 MHz
TD–SCDMA
–
–20.4
–
dBm
2500–2570 MHz
WCDMA
–
–20.4
–
dBm
2500–2570 MHzc
Band 7
–
–30.5
–
dBm
2300–2400 MHzd
Band 40
–
–34.0
–
dBm
2570–2620 MHze
Band 38
–
–30.8
–
dBm
2545–2575 MHzf
XGP Band
–
–29.5
–
dBm
DPSK (2 Mbps)b
698–716 MHz
WCDMA
–
–9.8
–
dBm
776–794 MHz
WCDMA
–
–9.7
–
dBm
824–849 MHz
GSM850
–
–10.7
–
dBm
824–849 MHz
WCDMA
–
–11.4
–
dBm
880–915 MHz
E-GSM
–
–10.4
–
dBm
880–915 MHz
WCDMA
–
–10.2
–
dBm
1710–1785 MHz
GSM1800
–
–15.8
–
dBm
1710–1785 MHz
WCDMA
–
–15.4
–
dBm
1850–1910 MHz
GSM1900
–
–16.6
–
dBm
1850–1910 MHz
WCDMA
–
–16.4
–
dBm
1880–1920 MHz
TD-SCDMA
–
–17.9
–
dBm
1920–1980 MHz
WCDMA
–
–16.8
–
dBm
2010–2025 MHz
TD-SCDMA
–
–18.6
–
dBm
2500–2570 MHz
WCDMA
–
–20.4
–
dBm
2500–2570 MHzc
Band 7
–
–31.9
–
dBm
2300–2400 MHzd
Band 40
–
–35.3
–
dBm
2570–2620 MHze
Band 38
–
–31.8
–
dBm
2545–2575 MHzf
XGP Band
–
–31.1
–
dBm
8DPSK (3 Mbps)b
698–716 MHz
WCDMA
–
–12.6
–
dBm
776–794 MHz
WCDMA
–
–12.6
–
dBm
824–849 MHz
GSM850
–
–12.7
–
dBm
824–849 MHz
WCDMA
–
–13.7
–
dBm
880–915 MHz
E-GSM
–
–12.8
–
dBm
880–915 MHz
WCDMA
–
–12.6
–
dBm
Table 33: Bluetooth Receiver RF Specifications (Cont.)
Parameter
Conditions
Minimum
Typical
Maximum Unit
π/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com