Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 129 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 129 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 125Page - Cypress Semiconductor BCM4354 Datasheet HTML 126Page - Cypress Semiconductor BCM4354 Datasheet HTML 127Page - Cypress Semiconductor BCM4354 Datasheet HTML 128Page - Cypress Semiconductor BCM4354 Datasheet HTML 129Page - Cypress Semiconductor BCM4354 Datasheet HTML 130Page - Cypress Semiconductor BCM4354 Datasheet HTML 131Page - Cypress Semiconductor BCM4354 Datasheet HTML 132Page - Cypress Semiconductor BCM4354 Datasheet HTML 133Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 192 page
background image
Recommended Operating Conditions and DC Characteristics
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 128
Output low voltage @ 2 mA
VOL
–
–0.45
V
For VDDIO = 3.3V:
Input high voltage
VIH
2.00
–
–V
Input low voltage
VIL
–
–0.80
V
Output high voltage @ 2 mA
VOH
VDDIO –
0.4
–
–V
Output low Voltage @ 2 mA
VOL
–
–0.40
V
RF Switch Control Output Pinsc
For VDDIO_RF = 3.3V:
Output high voltage @ 2 mA
VOH
VDDIO –
0.4
–
–V
Output low voltage @ 2 mA
VOL
–
–0.40
V
Input capacitance
CIN
–
–
5
pF
a. The BCM4354 is functional across this range of voltages. Optimal RF performance specified in the data sheet,
however, is guaranteed only for 3.13V < VBAT < 4.8V.
b. The maximum continuous voltage is 5.25V. Voltage transients up to 6.0V for up to 10 seconds, cumulative
duration over the lifetime of the device, are allowed. Voltage transients as high as 5.5V for up to 250 seconds,
cumulative duration over the lifetime of the device, are allowed.
c. Programmable 2 mA to 16 mA drive strength. Default is 10 mA.
Table 32: Recommended Operating Conditions and DC Characteristics (Cont.)
Parameter
Symbol
Value
Unit
Minimum
Typical
Maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com