Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 131 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 131 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 127Page - Cypress Semiconductor BCM4354 Datasheet HTML 128Page - Cypress Semiconductor BCM4354 Datasheet HTML 129Page - Cypress Semiconductor BCM4354 Datasheet HTML 130Page - Cypress Semiconductor BCM4354 Datasheet HTML 131Page - Cypress Semiconductor BCM4354 Datasheet HTML 132Page - Cypress Semiconductor BCM4354 Datasheet HTML 133Page - Cypress Semiconductor BCM4354 Datasheet HTML 134Page - Cypress Semiconductor BCM4354 Datasheet HTML 135Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 192 page
background image
Bluetooth RF Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 130
RX LO Leakage
2.4 GHz band
–
–
–90.0
–80.0
dBm
Interference Performancea
C/I co-channel
GFSK, 0.1% BER
–
8
11
dB
C/I 1 MHz adjacent channel
GFSK, 0.1% BER
–
–7
0
dB
C/I 2 MHz adjacent channel
GFSK, 0.1% BER
–
–38
–30
dB
C/I
 3 MHz adjacent channel GFSK, 0.1% BER
–
–56
–40
dB
C/I image channel
GFSK, 0.1% BER
–
–31
–9
dB
C/I 1 MHz adjacent to image
channel
GFSK, 0.1% BER
–
–46
–20
dB
C/I co-channel
/4–DQPSK, 0.1% BER
–
9
13
dB
C/I 1 MHz adjacent channel
/4–DQPSK, 0.1% BER
–
–11
0
dB
C/I 2 MHz adjacent channel
/4–DQPSK, 0.1% BER
–
–39
–30
dB
C/I
 3 MHz adjacent channel /4–DQPSK, 0.1% BER
–
–55
–40
dB
C/I image channel
/4–DQPSK, 0.1% BER
–
–23
–7
dB
C/I 1 MHz adjacent to image
channel
/4–DQPSK, 0.1% BER
–
–43
–20
dB
C/I co-channel
8–DPSK, 0.1% BER
–
17
21
dB
C/I 1 MHz adjacent channel
8–DPSK, 0.1% BER
–
–4
5
dB
C/I 2 MHz adjacent channel
8–DPSK, 0.1% BER
–
–37
–25
dB
C/I
 3 MHz adjacent channel 8–DPSK, 0.1% BER
–
–53
–33
dB
C/I Image channel
8–DPSK, 0.1% BER
–
–16
0
dB
C/I 1 MHz adjacent to image
channel
8–DPSK, 0.1% BER
–
–37
–13
dB
Out-of-Band Blocking Performance (CW)
30–2000 MHz
0.1% BER
–
–10.0
–
dBm
2000–2399 MHz
0.1% BER
–
–27
–
dBm
2498–3000 MHz
0.1% BER
–
–27
–
dBm
3000 MHz–12.75 GHz
0.1% BER
–
–10.0
–
dBm
Out-of-Band Blocking Performance, Modulated Interferer
GFSK (1 Mbps)b
698–716 MHz
WCDMA
–
–13.5
–
dBm
776–849 MHz
WCDMA
–
–13.8
–
dBm
824–849 MHz
GSM850
–
–13.5
–
dBm
824–849 MHz
WCDMA
–
–14.3
–
dBm
880–915 MHz
E-GSM
–
–13.1
–
dBm
880–915 MHz
WCDMA
–
–13.1
–
dBm
1710–1785 MHz
GSM1800
–
–18.1
–
dBm
Table 33: Bluetooth Receiver RF Specifications (Cont.)
Parameter
Conditions
Minimum
Typical
Maximum Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com